Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 37Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 38Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 39Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 44Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
41
5.3.6 (Address 06h; IDXADDR) Index Register Address
Bits
Description
Read
Write
Default
Value
7:0
Index Register Address. This register selects which indexed register is accessed
when the IDXDATA port is read or written.
Yes
Yes
0
5.3.7 (Address 07h; IDXDATA) Indexed Register Data
Bits
Description
Read
Write
Default
Value
7:0
Indexed Register Data. This port provides access to the indexed data register
selected by IDXADDR.
See
Below
See
Below
See
Below
5.3.8 (Address 0Bh; PKTLENLSB) Packet Length (LSB)
Bits
Description
Read
Write
Default
Value
7:0
Packet Length LSB. This field provides the least significant bits of the length of the
last packet transferred. This field is not updated when setup packets are received,
because they have a fixed length of 8.
Yes
No
0
5.3.9 (Address 0Ch; PKTLENMSB) Packet Length (MSB)
Bits
Description
Read
Write
Default
Value
7:2
Reserved.
Yes
No
0
1:0
Packet Length MSB. This field provides the most significant bits of the length of the
last packet transferred. This field is not updated when setup packets are received,
because they have a fixed length of 8.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com