Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 66Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 67Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 68Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
65
7.3.3 Local Bus (+3.3V) DC Specifications
Operating Conditions: VDDL: 3.3V ± 5%, TA = 0°C to 70°C
All typical values are at VDDL = 3.3V and TA = 25°C
Operating Conditions: Note 9
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
Output High Voltage
IOH = -8mA
2.0
V
VOL
Output Low Voltage
IOL = 8mA
0.4
V
IIH
Input High Leakage
VIH = 3.3V
10
µA
IIL
Input Low Leakage
VIL = 0V
10
µA
IOZ
Hi-Z State Data Line Leakage
0V < VIN < 3.3V
-10
+10
µA
IDDLS
VDDL Supply Current (Suspend)
Device suspended
1
10
µA
IDDL
VDDL Supply Current
VDDC = 3.3V
610
mA
CIO
I/O Capacitance
Pin to GND
5
pF
CIN
Input Capacitance
Pin to GND
10
pF
7.3.4 Local Bus (+5.0V) DC Specifications
Operating Conditions: VDDL: 5.0V ± 5%, TA = 0°C to 70°C
All typical values are at VDDL = 5.0V and TA = 25°C
Operating Conditions: Note 9
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
Output High Voltage
IOH = -8mA
4.0
V
VOL
Output Low Voltage
IOL = 8mA
0.4
V
IIH
Input High Leakage
VIH = 5.0V
10
µA
IIL
Input Low Leakage
VIL = 0V
10
µA
IOZ
Hi-Z State Data Line Leakage
0V < VIN < 5.0V
-10
+10
µA
IDDLS
VDDL Supply Current (Suspend)
Device suspended
1
10
µA
IDDL
VDDL Supply Current
VDDC = 3.3V
815
mA
CIO
I/O Capacitance
Pin to GND
5
pF
CIN
Input Capacitance
Pin to GND
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com