Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 13Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 18Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 19Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
16
LRESET#
32
O, 12mA,
TP, PU
Local Reset. This active low output is asserted when either the
RESET# pin is asserted, or a USB upstream port reset is detected. This
signal is not driven while the device is suspended, but will be pulled
high by the internal pull-up resistor.
WAKEUP#
34
I, PU
Wakeup. This active low input causes the NET2890 to request a USB
remote wakeup if device remote wakeup is enabled.
BUSPWR#
22
I, S
Bus Powered. This active low input indicates that the logic external to
the NET2890 is powered by the USB bus. If this input is high, then the
external logic is self-powered. This bit is readable by the local CPU
through the MAINCTL configuration register. Alternatively, this bit
can be used as a general input signal.
PWRGOOD#
23
I, S
Power Good. This active low input indicates that an external power
supply used for self-powered mode is operational. This bit is readable
by the local CPU through the MAINCTL configuration register.
Alternatively, this bit can be used as a general input signal.
SOF#
2
O, 12 mA,
TP, PU
Start of Frame. This signal pulses low for 8 USB full speed clocks
when the Frame Timer is locked and an SOF token or synthesized SOF
token is detected.
TEST
30
I, PD
Test. For normal operation, connect this pin to ground.
TESTOUT
47
O, 12 mA
Test Output. Used for manufacturing test.
NC
29
--
No connect.
VDD
(USB, Core)
1, 13,
25,
37,43
Power
Core Supply Voltage. Connect this pin to the +3.3V supply voltage to
supply the core and the USB interface.
VDD
(Local)
31
Power
Local Supply Voltage. Connect this pin to the +3.3V or +5.0V supply
voltage to supply the local interface.
VSS
12, 24,
36, 46,
48
GND
Device Ground. Connect this pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com