Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 34Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 35Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 36Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 37Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 38Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 39Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
38
5.2.4 Indexed registers
Index
Register Name
Register Description
Page
00h
LOCALCTL
Local Bus Control
50
01h
OURADDR
Our USB Address
50
02h
IRQENB1
Interrupt Request Enable 1
50
03h
IRQENB2
Interrupt Request Enable 2
51
04-06h
Reserved
07h
FRAMELSB
Frame Count (LSB)
51
08h
FRAMEMSB
Frame Count (MSB)
51
09h
Reserved
0Ah
Reserved
0Bh
Reserved
0Ch
DIAG
Diagnostic Controls
52
0Dh-Fh
Reserved
10h
EP0PKTSIZLSB
EP0 maximum packet size (LSB)
52
11h
12h
EPAPKTSIZLSB
EPA maximum packet size (LSB)
52
13h
EPAPKTSIZMSB
EPA maximum packet size (MSB)
52
14h
EPBPKTSIZLSB
EPB maximum packet size (LSB)
52
15h
EPBPKTSIZMSB
EPB maximum packet size (MSB)
53
16h
EPCPKTSIZLSB
EPC maximum packet size (LSB)
53
17h
EPCPKTSIZMSB
EPC maximum packet size (MSB)
53
18h
EPDPKTSIZLSB
EPD maximum packet size (LSB)
53
19h
EPDPKTSIZMSB
EPD maximum packet size (MSB)
53
1Ah-1Fh
Reserved
20h
F0_AETH
FIFO 0 Almost Empty Threshold
53
21h
Reserved
22h
F0_AFTH
FIFO 0 Almost Full Threshold
54
23h
Reserved
24h
FA_AETH
FIFO A Almost Empty Threshold
54
25h
Reserved
26h
FA_AFTH
FIFO A Almost Full Threshold
54
27h
Reserved
28h
FB_AETH
FIFO B Almost Empty Threshold
54
29h
Reserved
2Ah
FB_AFTH
FIFO B Almost Full Threshold
54
2Bh
Reserved
2Ch
FC_AETH
FIFO C Almost Empty Threshold
54
2Dh
Reserved
2Eh
FC_AFTH
FIFO C Almost Full Threshold
54
2Fh
Reserved
30h
FD_AETH
FIFO D Almost Empty Threshold
55
31h
Reserved
32h
FD_AFTH
FIFO D Almost Full Threshold
55
33h
Reserved
34h-FEh
Reserved
FFh
CHIPREV
Chip Revision
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com