Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
52
5.6.7 (Index 0Ch; DIAG) Diagnostic Register
Bits
Description
Read
Write
Default
Value
7:4
Reserved
Yes
No
0
3
Simulated Disconnect. When this bit is set, the NET2890 will drive the USB data
lines to the “disconnected” state. The local CPU should ensure that this bit is set for
at least 3 milliseconds to simulate a proper disconnect event.
Yes
Yes
0
2
Force Receive Error. When this bit is set, an error is forced on the next received
data packet. As a result, the packet will not be acknowledged. This bit is
automatically cleared at the end of the next packet.
Yes
Yes/Set
0
1
Prevent Transmit Bit-Stuff. When this bit is set, normal bit-stuffing is suppressed
during the next transmitted data packet. This will cause a bit-stuffing error when six
or more consecutive bits of ‘1’ are in the data stream. This bit is automatically
cleared at the end of the next packet.
Yes
Yes/Set
0
0
Force Transmit CRC Error. When this bit is set, a CRC error is forced on the next
transmitted data packet. The CRC error is generated by inverting the most significant
bit of the calculated CRC. This bit is automatically cleared at the end of the next
packet.
Yes
Yes/Set
0
5.6.8 (Index 10h; EP0PKTSIZLSB) EP0 Max Packet Size (LSB)
Bits
Description
Read
Write
Default
Value
7:0
EP0 Max Packet Size LSB. This field provides the least significant bits of the
Endpoint 0 Maximum Packet Size.
Yes
Yes
8
5.6.9 (Index 12h; EPAPKTSIZLSB) EPA Max Packet Size (LSB)
Bits
Description
Read
Write
Default
Value
7:0
EPA Max Packet Size LSB. This field provides the least significant bits of the
Endpoint A Maximum Packet Size.
Yes
Yes
64
5.6.10 (Index 13h; EPAPKTSIZMSB) EPA Max Packet Size (MSB)
Bits
Description
Read
Write
Default
Value
7:2
Reserved
Yes
No
0
1:0
EPA Max Packet Size MSB. This field provides the most significant bits of the
Endpoint A Maximum Packet Size.
Yes
Yes
0
5.6.11 (Index 14h; EPBPKTSIZLSB) EPB Max Packet Size (LSB)
Bits
Description
Read
Write
Default
Value
7:0
EPB Max Packet Size LSB. This field provides the least significant bits of the
Endpoint B Maximum Packet Size.
Yes
Yes
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com