Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 66Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
63
7. Electrical Specifications
7.1 Absolute Maximum Ratings
Conditions that exceed the Absolute Maximum limits may destroy the device.
Symbol
Parameter
Conditions
Min
Max
Unit
VDDC
Core/USB Supply Voltage
With Respect to Ground
-0.5
4.6
V
VDDL
Local Supply Voltage (+5V)
With Respect to Ground
-0.5
7.0
V
VI
DC input voltage
With Respect to Ground
-0.5
VDD+0.5
V
IOUT
DC Output Current, per pin
-25
25
mA
TSTG
Storage Temperature
No bias
-65
150
° C
TAMB
Ambient temperature
Under bias
-65
150
° C
PD
Power Dissipation
Under bias
mW
VESD
ESD Rating
R = 1.5K, C = 100pF
2
KV
7.2 Recommended Operating Conditions
Conditions that exceed the Operating limits may cause the device to function incorrectly.
Symbol
Parameter
Conditions
Min
Max
Unit
VDDC
Core/USB Supply Voltage
3.0
3.6
V
VDDL
Local Bus Supply Voltage
5.0V operation
4.75
5.25
V
VDDL
Local Bus Supply Voltage
3.3V operation
3.0
3.6
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
0.8
V
VI
Input Voltage
0
VDDL
V
VO
Output Voltage
0
VDDL
V
IOH
High Level Output Current
-8
mA
IOL
Low Level Output Current
8
mA
TA
Operating Temperature
0
70
° C
tR
Input rise time
1
10
ns/V
tF
Input fall time
1
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com