Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 36Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 37Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 38Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 39Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
40
5.3.4 (Address 03h; IRQSTAT1) Interrupt Status Register 1
Bits
Description
Read
Write
Default
Value
7
SOF Interrupt Status. This bit indicates when a start-of-frame packet has been
received by the NET2890. This status bit is cleared by writing a 1.
Yes
Yes/CLR
0
6
Reserved.
Yes
No
0
5
Interrupt Status 2. This bit indicates when one of the IRQSTAT2 interrupt bits is
active and the corresponding interrupt is enabled. Note that this bit is not set as a
result of “Suspend Control” being active.
Yes
No
0
4
Endpoint D Interrupt Status. This bit conveys the interrupt status for Endpoint D.
If set, Endpoint D’s interrupt status register should be read to determine the cause of
the interrupt. This bit is set independently of the interrupt enable bit.
Yes
No
0
3
Endpoint C Interrupt Status. This bit conveys the interrupt status for Endpoint C.
If set, Endpoint C’s interrupt status register should be read to determine the cause of
the interrupt. This bit is set independently of the interrupt enable bit.
Yes
No
0
2
Endpoint B Interrupt Status. This bit conveys the interrupt status for Endpoint B.
If set, Endpoint B’s interrupt status register should be read to determine the cause of
the interrupt. This bit is set independently of the interrupt enable bit.
Yes
No
0
1
Endpoint A Interrupt Status. This bit conveys the interrupt status for Endpoint A.
If set, Endpoint A’s interrupt status register should be read to determine the cause of
the interrupt. This bit is set independently of the interrupt enable bit.
Yes
No
0
0
Endpoint 0 Interrupt Status. This bit conveys the interrupt status for Endpoint 0. If
set, Endpoint 0’s interrupt status register should be read to determine the cause of the
interrupt. This bit is set independently of the interrupt enable bit.
Yes
No
0
5.3.5 (Address 04h; IRQSTAT2) Interrupt Status Register 2
NOTE: These status bits are set independently of the corresponding interrupt enable bits. Writing a 0 to
these bits has no effect.
Bits
Description
Read
Write
Default
Value
7
Control Status Interrupt. This bit is set when an IN or OUT token indicating
Control Status has been received. This status bit is cleared by writing a 1.
Yes
Yes/CLR
0
6
Setup Packet Interrupt. This bit is set when a setup packet has been received from
the host. This bit must be cleared (by writing a 1) before the next setup packet can be
received. If the bit is not cleared, successive setup packets will not be acknowledged.
Yes
Yes/CLR
0
5
Input Pin Change Interrupt Status. If set, this bit indicates that a change occurred
in the BUSPWR# or PWRGOOD# input pins. Read the MAINCTL register for the
current state of these pins. This status bit is cleared by writing a 1.
Yes
Yes/CLR
0
4
Suspend Control. If set, this bit indicates that there is a pending suspend request
from the host. Writing a 1 clears this bit and causes the NET2890 to enter the
suspended state.
Yes
Yes/CLR
0
3
EOT Interrupt Status. This bit indicates when the EOT# input has been asserted
simultaneously with DACK# and either IOR# or IOW#, indicating the completion of
a DMA transfer. This status bit is cleared by writing a 1. This bit is set independently
of the corresponding interrupt enable bit.
Yes
Yes/CLR
0
2
Root Port Reset Interrupt Status. This bit indicates when a root port reset has been
received by the NET2890. This status bit is cleared by writing a 1.
Yes
Yes/CLR
0
1
Suspend Request Interrupt Status. This bit indicates when a suspend-request has
been received by the NET2890. This status bit is cleared by writing a 1.
Yes
Yes/CLR
0
0
Resume Interrupt Status. If set, this bit indicates that a device resume has occurred.
This status bit is cleared by writing a 1.
Yes
Yes/CLR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com