Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 22Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 23Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 24Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 25Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 26Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 27Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 28Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 29Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
26
4.5.4.2 Bulk In Endpoints
Bulk IN Endpoints are used to transfer data from the NET2890 local bus to a USB host. A bulk read
transaction from a Bulk IN Endpoint consists of the following:
Stage
Packet Contents
# of
bytes
Source
IN Token
IN PID, address, endpoint, and CRC5
3
Host
Data (1/0)
DATA PID, N data bytes, and CRC16,
or NAK or STALL
N+3
NET2890
Status
ACK
1
Host
The USB host initiates a Bulk IN transaction by sending an IN token to a Bulk IN endpoint. The Data IN
Token Interrupt status bit is set when the IN token is recognized. If this interrupt is enabled, the local
interrupt IRQ# pin is asserted. If there is data in the endpoint’s FIFO, it is returned to the host. If the
endpoint has no data to return, it returns either a zero length packet (signaling that there is no more data
available) or a NAK handshake (the data is not available yet), depending on the FIFO Valid and FIFO
Valid Mode bits.
FIFO
Valid
Mode
FIFO
Valid
Bit
End of
Transfer
Response Bit
Size of
Previous
Packet
Amount of Data in
FIFO
Action
00
0
X
empty
NAK to host
0
0
1
Maximum
empty
Zero length packet to host
0
0
1
< Maximum
empty
NAK to host
0
1
X
X
empty
Zero length packet to host
0
X
X
X
>0
Return data to host
1
0
X
X
< Max Packet Length
NAK to host
1
X
X
X
>= Max Packet Length
Return data to host
1
1
X
X
empty
Zero length packet to host
1
1
X
X
>0
Return data to host
After the packet has been sent to the host, the Data Packet Transmitted Interrupt status bit is set. If this
interrupt is enabled, the local interrupt IRQ# pin is asserted. If retries are disabled, the local CPU should
check the USB IN ACK Sent, USB IN NAK Sent, and Timeout status bits to determine if the packet was
successfully transmitted.
If a packet is not successfully transmitted (Timeout status bit set) and retries are enabled, the Data
Packet Transmitted Interrupt status bit will not be set, and the same packet is sent to the host when
another IN token is received. The retry operation is transparent to the local CPU.
If a packet is not successfully transmitted (Timeout status bit set) and retries are disabled, the Data
Packet Transmitted Interrupt status bit will be set. The local CPU needs to flush the FIFO and
reload the packet for the next IN token.
If the host tries to read more data than was requested in the setup packet, the local CPU should set the
STALL bit for the endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com