Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
57
6.1 Control ‘Read’ Transfers
6.1.1 Get Device Status
Offset
Number of
Bytes
Description
Suggested Value
0
2
bits 15:2 = Reserved
bit 1 = Device Remote Wakeup enabled
bit 0 = Device is operating in Self-Powered mode.
6.1.2 Get Interface Status
Offset
Number of
Bytes
Description
Suggested Value
0
2
bits 15:0 = Reserved
0000h
6.1.3 Get Endpoint Status
Offset
Number of
Bytes
Description
Suggested Value
0
2
bits 15:1 = Reserved
bit 0 = Endpoint is stalled
0000h
6.1.4 Get Device Descriptor (18 Bytes)
Offset
Number of
Bytes
Description
Suggested Value
0
1
Length
12h
1
1
Type (device)
2
2
USB Specification Release Number
0100h
4
1
Class Code
5
1
Sub Class Code
6
1
Protocol
7
1
Maximum Endpoint 0 Packet Size
10h
8
2
Vendor ID
0525h
10
2
Product ID
2890h
12
2
Device Release Number
14
1
Index of string descriptor describing manufacturer
01h
15
1
Index of string descriptor describing product
02h
16
1
Index of string descriptor describing serial number
00h
17
1
Number of configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com