Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
54
5.6.18 (Index 22h; F0_AFTH) FIFO 0 Almost Full Threshold Register
Bits
Description
Read
Write
Default
Value
7:5
Reserved
Yes
No
0
4:0
FIFO Almost Full Threshold. This register determines the threshold at which the
FIFO almost full status bit is set. The threshold is in terms of bytes. For Endpoint 0,
this value can range from 0 to 16.
Yes
Yes
0
5.6.19 (Index 24h; FA_AETH) FIFO A Almost Empty Threshold Register
Bits
Description
Read
Write
Default
Value
7:0
FIFO Almost Empty Threshold. This register determines the threshold at which the
FIFO almost empty status bit is set. The threshold is in terms of bytes
Yes
Yes
0
5.6.20 (Index 26h; FA_AFTH) FIFO A Almost Full Threshold Register
Bits
Description
Read
Write
Default
Value
7:0
FIFO Almost Full Threshold. This register determines the threshold at which the
FIFO almost full status bit is set. The threshold is in terms of bytes.
Yes
Yes
0
5.6.21 (Index 28h; FB_AETH) FIFO B Almost Empty Threshold Register
Bits
Description
Read
Write
Default
Value
7:0
FIFO Almost Empty Threshold. This register determines the threshold at which the
FIFO almost empty status bit is set. The threshold is in terms of bytes
Yes
Yes
0
5.6.22 (Index 2Ah; FB_AFTH) FIFO B Almost Full Threshold Register
Bits
Description
Read
Write
Default
Value
7:0
FIFO Almost Full Threshold. This register determines the threshold at which the
FIFO almost full status bit is set. The threshold is in terms of bytes.
Yes
Yes
0
5.6.23 (Index 2Ch; FC_AETH) FIFO C Almost Empty Threshold Register
Bits
Description
Read
Write
Default
Value
7:0
FIFO Almost Empty Threshold. This register determines the threshold at which the
FIFO almost empty status bit is set. The threshold is in terms of bytes
Yes
Yes
0
5.6.24 (Index 2Eh; FC_AFTH) FIFO C Almost Full Threshold Register
Bits
Description
Read
Write
Default
Value
7:0
FIFO Almost Full Threshold. This register determines the threshold at which the
FIFO almost full status bit is set. The threshold is in terms of bytes.
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com