Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 35Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 36Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 37Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 38Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 39Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
39
5.3 Base Registers
5.3.1 (Address 00h; PAGESEL) Paged Register Select
Bits
Description
Read
Write
Default
Value
7:5
Paged Register Set select. These bits select one of the paged sets of configuration
registers. The select value pages one of the sets of registers into the address range
10-1F. All values not listed below are Reserved.
Value
Paged Register Set
0h
Endpoint 0 (Control)
1h
Endpoint A
2h
Endpoint B
3h
Endpoint C
4h
Endpoint D
7h
Setup Packet Registers
Yes
Yes
0
4:0
Reserved
Yes
No
0
5.3.2 (Address 01h; MAINCTL) Main Control Register
Bits
Description
Read
Write
Default
Value
7:5
Reserved
Yes
No
0
4
Retry Enable. If set, this bit enables the automatic retry feature. If an error occurs
during an IN packet, the same packet data is transmitted when the next IN token is
received. If an error occurs during an OUT packet, the corresponding FIFO is
flushed. No interrupts or status bits will change as a result of failed packets. Note that
isochronous endpoints are never retried.
Yes
Yes
1
3
Device Remote Wake-up Enable. If set, this bit enables the WAKEUP# pin to cause
a device remote wake-up.
Yes
Yes
0
2
Device Configured. When the NET2890 has been successfully configured by the
host, the local CPU can set this bit which causes the DEVCFG# output pin to be
asserted. This bit is cleared when a root port reset is detected.
Yes
Yes
0
1
Power Good. When the PWRGOOD# pin is asserted, this bit is read as a one,
indicating that the local power supply is operational.
Yes
No
0
0
Self Powered. When the BUSPWR# pin is negated (high), this bit is read as a one,
indicating that the NET2890 is operating in the self powered mode.
Yes
No
0
5.3.3 (Address 02h; DMACTL) DMA Control Register
Bits
Description
Read
Write
Default
Value
7:5
Reserved
Yes
No
0
4
DMA Request. This status bit reflects the state of the DRQ output pin, and allows a
CPU on the local bus to monitor DMA transfers.
Yes
No
0
3
DMA Request Enable. Writing a 1 to this bit causes the NET2890 to start
requesting DMA cycles from a DMA controller on the local bus. If the EOT# input is
asserted, this bit is automatically reset. A CPU on the local bus may also explicitly
reset this bit to terminate a DMA transfer.
If the CPU sets the FIFO Valid bit of the endpoint selected by field 2:0, this bit is
cleared. This bit can be read to determine whether a DMA transfer is still in progress.
Yes
Yes
0
2:0
DMA Endpoint Select. This field determines which Endpoint is being accessed
during a DMA transfer. 000 = Endpoint 0, 001 = A, 010 = B, 011 = C, 100 = D.
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com