Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 46Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 47Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
50
5.6 Indexed Registers
5.6.1 (Index 00h; LOCALCTL) Local Bus Control
Bits
Description
Read
Write
Default
Value
7:2
Reserved.
Yes
No
0
1:0
Local Clock Output. This field controls the frequency of the LCLK pin.
0 = 48 MHz clock derived from the internal oscillator
1 = 24 MHz clock derived from the internal oscillator
2 = 12 MHz clock derived from the internal oscillator
3 = stopped
Yes
Yes
0
5.6.2 (Index 01h; OURADDR) Our USB Address Register
Bits
Description
Read
Write
Default
Value
7
Reserved.
Yes
No
0
6:0
Our USB Address. After the local CPU has successfully completed the status phase
of a SET Address request from the host, it writes the new device address into this
register. This register is cleared when a root port reset is detected
Yes
Yes
0
Note: When a Set Address command is sent from the host, the local CPU must write the new device
address into the OURADDR configuration register.
5.6.3 (Index 02h; IRQENB1) Interrupt Enable Register 1
Bits
Description
Read
Write
Default
Value
7
SOF Interrupt Enable. When set, this bit enables a local interrupt to be generated
when a start-of-frame packet is received by the NET2890.
Yes
Yes
0
6:5
Reserved
Yes
No
0
4
Endpoint D Interrupt Enable. When set, this bit enables a local interrupt to be set
when an interrupt is active on this endpoint.
Yes
Yes
0
3
Endpoint C Interrupt Enable. When set, this bit enables a local interrupt to be set
when an interrupt is active on this endpoint.
Yes
Yes
0
2
Endpoint B Interrupt Enable. When set, this bit enables a local interrupt to be set
when an interrupt is active on this endpoint.
Yes
Yes
0
1
Endpoint A Interrupt Enable. When set, this bit enables a local interrupt to be set
when an interrupt is active on this endpoint.
Yes
Yes
0
0
Endpoint 0 Interrupt Enable. When set, this bit enables a local interrupt to be set
when an interrupt is active on this endpoint.
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com