Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 26 of 62
MEMORY
OVERVIEW
The ADM1266 contains internal EEPROM (nonvolatile memory)
to store the mini boot loader, the boot loader, firmware, config-
uration settings, and fault log information. The mini boot loader,
boot loader, firmware, and configuration settings each have a
main copy and a backup copy in the memory. Each section has
its own unique cyclic redundancy check (CRC), and each black
box record has its own unique CRC.
POWER-UP
At power-up, the main mini boot loader checks the data of the
main boot loader and compares it to the CRC. If the data is
corrupted, the main mini boot loader checks the data of the
backup bootloader and compares it with its CRC. If the backup
bootloader data matches the CRC, this data is copied to the
main boot loader and is fixed (the ADM1266 copies the data
from backup memory to main memory and corrects the
corrupted data). Then, the main boot loader starts to execute
the boot loader. The main boot loader checks the data of the
main firmware and compares it to the CRC. If the data is
corrupted, the main boot loader checks the data of the backup
firmware and compares this data to the CRC. If the backup
firmware data matches the CRC, the ADM1266 copies it over to
the main firmware and fixes the data. Then, the ADM1266
starts to execute the firmware. The firmware then checks the
data of the main and backup configuration and compares it with
the respective CRCs. If both sections match the calculated CRC
value of memory with the saved CRC value, then the ADM1266
runs the main configuration. If one of the sections matches the
CRC, the ADM1266 runs the correct configuration. In a multi-
device system, all the devices share the information about their
main and backup configuration with the master device. Then, the
master device makes a decision and communicates to all the
devices which section of the configuration memory to run.
If at any given point for any of the sections both the main and
backup sections are corrupted, the device does not proceed.
MANUAL CRC CALCULATIONS
The ADM1266 has several commands to validate the condition
of the memory. Use MEMORY_RECALCULATE_CRC
(Register 0xF9) to trigger the device to recalculate the CRC
of all the sections and to report the status in STATUS_MFR_
SPECIFIC_2 (Register 0xED). The time required to recalculate
the CRC of all the sections is approximately 500 ms.
REFRESH
The ADM1266 allows data to be copied from the main sections
to the backup sections, and vice versa. REFRESH_FLASH
(Register 0xF5) can be used to trigger this function. When this
function is triggered, the ADM1266 checks the CRC of both the
main and backup sections and copies data from the expected
data (not corrupted) section over to the corrupted section, and
vice versa. Based on the data written to REFRESH_FLASH, the
user can choose to refresh certain sections of the memory. To
increase the reliability of the memory, it is recommended to run
this refresh feature once every 30 days.
When the refresh feature is running, it takes 32 ms to refresh
each page. During this time, all faults are latched but not processed.
After refreshing each page, if there is any sequence event, the
refreshing is temporarily aborted and the sequencing and fault
handling functions are executed. At the end of this process, the
ADM1266 resumes the refreshing function. It takes approximately
9 sec to finish refreshing all the sections of the ADM1266.
PMBus write operations are not allowed when the refresh feature is
running. PMBus read operations are clock stretched and
processed at the end of refreshing each page.
AUTO REFRESH
The ADM1266 can be configured to run the refresh feature
automatically after this feature is enabled and saved to the memory.
After one day, each time the device is powered up the device
automatically starts the refresh of the boot loader, firmware, and
configuration sections. Once a day, the device runs the CRC
check. If any of the mini boot loader, boot loader, firmware, or
configuration sections are corrupted, the device automatically
starts the refresh of the mini boot loader, the boot loader, firmware,
and the configuration sections. After the initial refresh that
occurs after one day, the ADM1266 can be preprogrammed to
automatically start refresh every N days, where N varies from
1 day to 255 days. The default setting is 30 days.
ACCELERATION FACTOR
The ADM1266 contains internal EEPROM (nonvolatile memory)
to store the mini boot loader, the boot loader, the firmware,
configuration settings, and fault log information. EEPROM
endurance and retention are specified over the operating junction
temperature range (see the Absolute Maximum Ratings section
and the Electrical Specifications section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com