Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 18 of 62
SEQUENCING ENGINE (SE)
OVERVIEW
The ADM1266 SE provides the user with powerful and flexible
control for sequencing multiple power rails. The SE implements
state machine control of the PDIOx and GPIOx outputs, with
state changes conditional on input events driven by VHx, VPx,
PDIO, GPIOs, timers, and variables. The SE programs can
enable complex control of boards such as power-up and power-
down sequence control, fault event handling, and interrupt
generation.
POWER-UP AND STATE 0
After the EEPROM data is downloaded, the ARM controller
starts execution of the core sequencer and transitions to the
following tasks, including but not limited to
Performing a roll call of all ADM1266 devices present if
more than 16 voltage rails are sequenced using more than
one ADM1266 device.
Checking the CRC status of the main and backup
configurations of all devices.
Synchronization of the black box ID between multiple
ADM1266 devices.
Waiting for a ready signal from all ADM1266 devices on
the IDB bus to enter State 1.
If a fault is present in any of these tasks, the SE halts and
terminates immediately. A power cycle or software reset using
GO_COMMAND (Register 0xD8) can restart the sequence
engine.
If all the operations of State 0 are successful, the device enters
State 1 where sequencing beings.
STATE SECTIONS
To maintain maximum flexibility and ease of use, the SE is
divided into two sections: enter actions and loop actions.
Enter Actions
The enter actions section consists of actions that are used to
initialize the system or a state. Examples range from starting
a timer to setting a PDIO. The actions programmed in this
subsection are executed only once before entering loop actions.
Loop Actions
In the loop actions section, the SE provides monitoring and
adjustment functions. After executing the enter actions, the
ADM1266 transitions and executes the actions in the loop
actions section. The device continues to execute these actions
in a loop, until it encounters a go to action. When the device
encounters a go to action, the device aborts the rest of the
actions in the loop actions and proceeds to the next state.
Whenever an interrupt is generated because of a fault or a logic
change, the SE is triggered to go to the first action in the loop
actions section and starts executing the actions. By ordering the
different actions in the loop actions, the user can set a priority
on when the actions are executed to minimize any delays.
ACTION TYPES
The user can configure multiple actions. These actions are
broadly classified into three categories: set actions, monitor
actions, and special actions.
Set Actions
Set actions set the output of a PDIO or GPIO. These actions can
also be used to set or reset variables and timers. These actions
can be configured in the enter actions and loop actions sections
of the state.
Monitor Actions
The fault monitoring action types are used to read the status of
the VHx, VPx, PDIOx, and GPIOx pins. The monitoring
function is extended to include the monitoring of the status of
variables and timers as well. The individual status is compared
to a threshold to determine the outcome of the action as true or
false. When the outcome is determined, an action is undertaken.
To expand on the flexibility of the sequence engine over
multiple rails, the user is allowed to program and monitor any
logical combination of rails, timers, PDIO, and GPIOs to create
a fault state.
Special Actions
Two special actions are available in the ADM1266. Use the go to
action to proceed to a preprogrammed state of the SE. Use the
black box action type to capture a snapshot of the status of all
the pins and write it to the EEPROM. Refer to the Black Box
(EEPROM) Fault Recording section for more details.
PARALLEL OPERATION AND INTERDEVICE BUS
If more than 16 rails are to be sequenced, multiple ADM1266
devices can be connected in parallel. Communication between
the ADM1266 devices is facilitated by the IDB that operates at
1 MHz maximum, and follows the I2C protocol. The IDB is a
private bus and sends Analog Devices proprietary messages. A
maximum of 16 ADM1266 devices can be connected on the IDB.
One device is configured as a master, and the other devices are
configured as slaves. All the slaves communicate their current
status back to the master; the master, based on the user config-
uration and the status of all the devices, broadcasts to all the
slaves the new state that they need to go to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com