Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 46 of 62
Bits
Bit Name
R/W
Description
0111 = 8.0 µs.
1000 = 10.0 µs.
1001 = 20.0 µs.
1010 = 40.0 µs.
1011 = 50.0 µs.
1100 = 60.0 µs.
1101 = 75.0 µs.
1110 = 80.0 µs.
1111 = 100.0 µs.
[8:3]
Reserved
R/W
Reserved.
[2:0]
PDIO_OUTPUT_CFG
R/W
Output configuration. Sets the configuration of the PDIOx output drivers.
000 = 20 kΩ pull-down resistor. The resistor is enabled even during power-up.
001 = 20 kΩ pull-up resistor to AVDD. The resistor is enabled even during power-up.
010 = open source with 20 kΩ pull-down resistor.
011 = open drain with 20 kΩ pull-up resistor to AVDD.
100 = open source (requires external pull-down resistor).
101 = open drain (requires external pull-up resistor).
110 = push/pull output driver.
111 = high-Z.
DAC_CONFIGURATION
This command either block writes or reads the DAC configuration.
Table 59. Register 0xD5—DAC_CONFIGURATION (for Block WR)
Byte
Byte Name
R/W
Description
0
Parameter length
Block W
Parameter data length, fixed to 1.
1
DAC index
parameter
Block W
00000 = DAC1.
00001 = DAC2.
00010 = DAC3.
00011 = DAC4.
00100 = DAC5.
00101 = DAC6.
00110 = DAC7.
00111 = DAC8.
01000 = DAC9.
Setting this byte to 0xFF means the device reads back data for all DACs.
0
Data length
Block R
The length of the DAC configuration data that ADM1266 returns. Set to 2 when DAC index
parameter < 9, 18 when DAC index parameter is 0xFF.
[18:1]
Data
Block R
Data for DAC configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com