Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 29 of 62
PMBus DIGITAL COMMUNICATION
The PMBus slave with packet error checking (PEC) allows a
device to interface to a PMBus compliant master device, as
specified by the PMBus Power System Management Protocol
Specification (Revision 1.2, September 6, 2010). The PMBus slave is
a 2-wire interface that can be used to communicate with other
PMBus compliant devices and is compatible in a multimaster,
multislave bus configuration. The PMBus slave can communicate
with master PMBus devices that support packet error checking
(PEC), as well as with master devices that do not support PEC.
The pull-up resistors on the PMBus pins must not be connected
to AVDD_CAP. If another device on the PMBus line provides a
strong pull-down AVDD_CAP, the ADM1266 shuts down or
enters UVLO.
PMBus FEATURES
The function of the PMBus slave is to decode the command
sent from the master device and to respond as requested.
Communication is established using an I2C like 2-wire interface
with a clock line (SCL) and data line (SDA). The PMBus slave is
designed to externally move blocks of 8-bit data (bytes) while
maintaining compliance with the PMBus protocol. The PMBus
protocol is based on the SMBus Specification (Version 2.0,
August 2000). The SMBus specification is, in turn, based on the
Philips I2C Bus Specification (Version 2.1, January 2000). The
PMBus incorporates the following features:
•
Slave operation on multiple device systems
•
7-bit addressing
•
100 kbps and 400 kbps data rates
•
PEC
•
Support for the group command protocol
•
Support for the alert response address protocol with
arbitration
•
General call address support
•
Support for clock low extension (clock stretching)
•
Separate multiple byte receive and transmit first in, first
out (FIFO)
•
Extensive fault monitoring
OVERVIEW
The PMBus slave module is a 2-wire interface that can be used
to communicate with other PMBus compliant devices. Its transfer
protocol is based on the Philips I2C transfer mechanism. The
ADM1266 is always configured as a slave device in the overall
system. The ADM1266 communicates with the master device
using one data pin (SDA) and one clock pin (SCL). Because the
ADM1266 is a slave device, it cannot generate the clock signal.
However, the ADM1266 is capable of clock stretching the SCL
line to put the master device in a wait state when the ADM1266
is not ready to respond to the request of the master.
Communication is initiated when the master device sends a
command to the PMBus slave device. Commands can be read
or write commands. Data is transferred between the devices in a
byte wide format. Commands can also be send commands. The
command is executed by the slave device upon receiving the
stop bit. The stop bit is the last bit in a complete data transfer, as
defined in the PMBus/SMBus/I2C communication protocol.
During communication, the master and slave devices send
acknowledge or no acknowledge bits as a method of
handshaking between devices.
In addition, the PMBus slave on the ADM1266 supports PEC to
improve reliability and communication robustness. The ADM1266
can communicate with master PMBus devices that support PEC,
as well as with master devices that do not support PEC. See the
SMBus Specification (Version 2.0) for a more detailed description of
the communication protocol.
When communicating with the master device, it is possible for
illegal or corrupted data to be received by the PMBus slave
device. In this case, the PMBus slave device responds to the
invalid command or data, as defined by the PMBus specification,
and indicates to the master device that an error or fault condition
has occurred. This method of handshaking can be used as a first
level of defense against inadvertent programming of the slave
device that can potentially damage the chip or system.
The PMBus specification defines a set of generic PMBus
commands that are recommended for a power management
system. However, each PMBus device manufacturer can choose
to implement and support certain commands as the manufacturer
deems fit for a specific system. In addition, the PMBus device
manufacturer can choose to implement manufacturer specific
commands with functions not included in the generic PMBus
command set.
TRANSFER PROTOCOL
The PMBus slave follows the transfer protocol of the SMBus
Specification (Version 2.0), which is based on the fundamental
transfer protocol format of the Philips I2C Bus Specification
(Version 2.1). Data transfers are byte wide, lower byte first. Each
byte is transmitted serially, most significant bit (MSB) first.
Figure 19 shows a basic transfer.
S
7-BIT
ADDRESS
R/W
A
A
...
P
8-BIT DATA
= MASTER TO SLAVE
= SLAVE TO MASTER
Figure 19. Basic Data Transfer
For an in depth description of the transfer protocols, see the
SMBus and I2C specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com