Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 14 of 62
THEORY OF OPERATION
POWERING THE ADM1266
The ADM1266 is powered from the highest voltage input on VH1
or VH2. This technique, called supply arbitration, offers improved
redundancy because the device is not dependent on any one
particular voltage rail to keep it operational. The AVDD_CAP
arbitrator on the device chooses the supply to use. The arbitrator
can be considered an OR’ing of two LDO regulators together. A
supply comparator chooses the highest input to provide the
on-chip supply. It is not recommended to connect both VH1
and VH2 to the same voltage levels because the ripple on the two
voltages may cause the arbitrator circuit to constantly toggle.
This architecture has minimal voltage drop, resulting in the ability
to power the ADM1266 from a supply as low as 3 V. A 10 μF bypass
capacitor and 0.1 μF decoupling capacitors are needed on both
the VH1 and VH2 pins. Additionally, these capacitors ensure a
successful arbitration when switching from VH1 to VH2 and vice
versa. In a system with multiple ADM1266 devices, it is important
that all the devices are powered from the same voltage rail.
An external capacitor from AVDD_CAP to GND is required to
decouple the on-chip supply from noise, as shown in Figure 7.
The capacitor has another use during brownouts (momentary
loss of power). Under these conditions, when all the input
supplies (VHx pins) fall below AVDD_CAP, the LDO regulators
immediately turn off so that the VHx power supply does not
pull AVDD_CAP down. The AVDD_CAP capacitor can then
act as a reservoir to keep the ADM1266 active until the next
highest supply takes over the powering of the device. A capacitor
with a minimum value of 68 μF is recommended for this
reservoir/decoupling function.
If all supplies fail, the value of the AVDD_CAP capacitor can be
increased if it is necessary to guarantee that a complete fault
record is written into EEPROM.
The VHx input pins can accommodate supplies of up to 15 V,
which allows the ADM1266 to be powered using a 12 V backplane
supply. In cases where this 12 V supply is hot swapped, it is
recommended that the ADM1266 not be connected directly to the
supply. Take suitable precautions, such as the use of a hot swap
controller or RC filter network, to protect the device from
transients that may cause damage during hot swap events.
When two or more supplies are within the VH1/VH2 arbitration
hysteresis value of each other, the supply that first takes control
of AVDD_CAP keeps control. For example, if VH1 is connected
to a 5.0 V supply, AVDD_CAP powers up to 3.3 V (typical)
through VH1. If VH2 is then connected to another 5.0 V supply,
VH1 still powers the device, unless VH2 goes approximately
317 mV higher than VH1.
ARBITRATOR
SUPPLY
SELECT
AVDD_CAP
3.3V
LDO
3.3V
LDO
VH1
VH2
68µF
10µF
0.1µF
10µF
0.1µF
Figure 7. AVDD_CAP Arbitrator Operation
During power-up, the ADM1266 checks the main boot loader,
the main firmware, the main configuration, and the backup
configuration to ensure that the data in these sections is correct.
If multiple devices are connected on the same IDB, all the
devices individually check the main and backup configurations
and send this information back to the master. Then, the master
decides to run the correct configuration. The boot up time from
VH1 or VH2 crossing 3 V to the device ready to execute State 1
varies based on the size of the configuration. On the top right
corner of the GUI, an icon displays the size of the configuration
memory in a percentage. Use this percentage in the following
equation to calculate the boot up time:
Typical Boot Up Time (ms) = 1.142 × Percentage + 192
For example, if 27% of the memory is used, then,
Boot Up Time = 1.142 × 27 +192
Boot Up Time = 223 ms
Figure 8. GUI Icon Showing Configuration Memory Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com