Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 12 of 62
Pin No.
Mnemonic1
Description
43
SYNC
32.768 kHz Clock Timing Synchronization Input/Output. This pin can be used to provide a
clock signal to other ADM1266 devices on the board, or a 32.768 kHz input signal can be
provided to the ADM1266 from an external clock source. The default start-up condition of this
pin is high impedance.
46
SDA
PMBus Data. SDA is a bidirectional, open-drain pin that requires an external pull-up resistance
of 2.2 kΩ.
47
SCL
PMBus Clock. SCL is bidirectional, open-drain pin that requires an external pull-up resistance
of 2.2 kΩ.
EPAD
Exposed Pad. The exposed pad must be soldered to the ground plane.
1 Connect all unused pins to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com