Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 62Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 58 of 62
Table 101. Register 0xEB—DAC_CODE_CONFIGURATION (for Block W)
Byte
Byte Name
R/W
Description
0
Data length
BLOCK W
Number of bytes of data to write to the ADM1266.
1
DAC index
BLOCK W
00010 = DAC1.
00011 = DAC2.
00100 = DAC3.
00101 = DAC4.
00110 = DAC5.
00111 = DAC6.
01000 = DAC7.
01001 = DAC8.
01010 = DAC9.
2
Code parameter
BLOCK W
Refer to Table 102.
[18:3]
DAC Code
BLOCK W
DAC code, Maximum = 16 DAC codes, N = 18 maximum.
Table 102. One Byte of Data for Code Parameter
Bits
Bit Name
R/W
Description
[7:4]
Code index
R/W
A maximum of 16 DAC codes can be programmed to the ADM1266. This index selects which
code to load to the DAC.
[3:1]
Range
R/W
DAC range.
Bits[3:1]
Midcode Voltage (V)
Minimum Voltage
Output (V)
Maximum Voltage
Output (V)
0x00 = 3’b000
0.506
0.202
0.808
0x01 = 3’b001
0.607
0.303
0.909
0x02 = 3’b010
0.809
0.505
1.111
0x03 = 3’b011
1.011
0.707
1.313
0x04 = 3’b100
1.263
0.959
1.565
0
DAC enable
R/W
DAC enable/disable.
RTS_CONFIGURATION
The RTS_CONFIGUARTION command either sets or reads the real time stamp (RTS) configuration.
Table 103. Register 0xEC—RTS_CONFIGURATION
Bits
Bit Name
R/W
Description
[15:2]
Reserved
R
Reserved.
1
RTS enable
R/W
0 is disable RTS, 1 is enable RTS.
0
XTAL enable
R/W
0 is external crystal oscillator disabled, 1 is external crystal oscillator enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com