Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 11 of 62
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GPIO1
GPIO2
GPIO3
DVDD_CAP
GPIO4
ID_SCL
SDA
ID_SDA
GPIO7
GPIO6
GPIO5
SYNC
GPIO8
GPIO9
SCL
PDIO16
VP7
VP6
VP5
REFOUT
REFGND
DAC1
DAC2
DAC3
DAC4
DAC5
DAC6
DAC7
DAC8
DAC9
XTAL2
XTAL1
ADM1266
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
NOTES
1. THE EXPOSED PAD MUST BE SOLDERED TO THE GROUND PLANE.
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic1
Description
1 to 3, 24 to 27,
59 to 64
VP1 to VP13
Low Voltage Inputs to Supply Fault Detectors. These pins monitor voltages of up to 5 V.
4
REFOUT
Reference Output. A capacitor must be connected between this pin and REFGND. A 2.2 µF
capacitor is recommended for this purpose.
5
REFGND
Ground Return for On-Chip Reference Circuits. Star connect this ground to the GND pin.
6 to 14
DAC1 to DAC9
Voltage Output DACs. These DACs can be used for margining and trimming the supply rails.
15
XTAL2
Crystal Input 2. This pin is configured as the 32.768 kHz crystal input. It can also be configured
as high impedance.
16
XTAL1
Crystal Input 1. This pin is configured as the 32.768 kHz crystal input. It can also be configured
as high impedance.
17
ADDR
PMBus Address Select Resistor. A resistor to GND sets one of 16 addresses.
18 to 21
VH1 to VH4
High Voltage Input to Supply Fault Detectors. These pins can monitor voltages of up to 15 V. The
highest voltage from VH1 to VH2 powers the ADM1266 via the supply arbitrator.
22
GND
Supply Ground.
23
AVDD_CAP
Analog Supply Voltage. Linearly regulated from the higher voltage of the VH1 and VH2 pins to
3.3 V (typical). Note that a capacitor must be connected between this pin and GND. A 68 µF or
larger capacitor is recommended for this purpose
28 to 32, 48 to
58
PDIO1 to PDIO16
Programmable Driver Inputs/Outputs. These pins default to a 20 kΩ pull-down resistor at
power-up.
33 to 35, 37 to
40, 44, 45
GPIO1 to GPIO9
General-Purpose Inputs/Outputs. The default start-up condition of these pins is high impedance.
36
DVDD_CAP
Digital Supply Voltage (1.8 V Typical). Note that a capacitor must be connected between this
pin and GND. A 2.2 µF capacitor (or larger), type X5R/10 V (or better), size 0402 (or larger) is
recommended for this purpose.
41
ID_SDA
Interdevice Communications Bus Data Signal. ID_SDA is a bidirectional, open-drain pin that
requires an external pull-up resistor of 2.2 kΩ. It is recommended that the pull-up source be
AVDD_CAP. The default start-up condition of this pin is high impedance.
42
ID_SCL
Interdevice Communications Bus Clock Signal. ID_SCL is a bidirectional, open-drain pin that
requires an external pull-up resistor of 2.2 kΩ. It is recommended that the pull-up source be
AVDD_CAP. The default start-up condition of this pin is high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com