Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 43 of 62
Bits
Bit Name
R/W
Description
1
Reserved
R/W
Reserved.
0
VH_OV_ENABLE
R/W
VHx OV comparator enable.
0 = disable OV comparator.
1 = enable OV comparator.
Table 54. Register 0xD2—VP_CONFIGURATION (for Page Command (0x00) Values of 4 to 16)
Bits
Bit Name
R/W
Description
[15:13]
VP_RANGE
R/W
VPx input range select.
000 = disconnected.
001 = disconnected.
010 = disconnected.
011 = 2.2 V to 5 V.
100 = 1.5 V to 3.75 V.
101 = 0.75 V to 1.875 V.
110 = direct range (0.4 V to 1.0 V).
111 = reserved.
12
VP_DIFF_EN
R/W
VPx differential mode select.
0 = disable differential voltage mode.
1 = enable differential mode (ignored on even pins).
[11:8]
VP_UV_FILTER
R/W
VPx UV glitch filter setting. Pulses smaller than this width are suppressed. Sampling delays may add
up to 400 ns of additional delay.
0000 = reserved.
0001 = reserved.
0010 = 2.0 µs.
0011 = 4.0 µs.
0100 = 5.0 µs.
0101 = 6.0 µs.
0110 = 7.5 µs.
0111 = 8.0 µs.
1000 = 10.0 µs.
1001 = 20.0 µs.
1010 = 40.0 µs.
1011 = 50.0 µs.
1100 = 60.0 µs.
1101 = 75.0 µs.
1110 = 80.0 µs.
1111 = 100.0 µs.
7
Reserved
R/W
Reserved.
6
VP_UV_ENABLE
R/W
VPx UV comparator enable.
0 = disable UV comparator.
1 = enable UV comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com