Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 23 of 62
TIME STAMPING
In the black box records, there is an option to save the time of
the black box write, which is beneficial in tracking the time of
the failures. ADM1266 has a real-time counter (RTC) that keeps
track of time. The RTC is reset to zero when ADM1266 is
powered down.
The RTC can be used in two ways. The RTC can be used to
measure the time elapsed since the last time the ADM1266 was
powered up, which is helpful in determining how much time
passed when the system failed after powering up.
In a system, the host controller can send the UNIX® time to the
ADM1266. If a UNIX time is received, the RTC can be used as a
reference to start counting from the UNIX time. When the
UNIX time is set, the device increments from this time and uses
it in black box records to convert to real time. The UNIX time
must be set every time the ADM1266 powers up, because the
RTC resets at power-down.
SETTING UNIX TIME USING SET_RTC
The SET_RTC register consist of six bytes that can be used to
set the time elapsed since January 1, 1970, according to the
UNIX time system. Each LSB represents 15.26 µs. In a system
where multiple ADM1266 devices are connected together, use
the SYNC pin to synchronize the time counter between all
ADM1266 devices.
INTERNAL OSCILLATOR
The internal oscillator in ADM1266 can be used for RTC where
the accuracy of time stamping is not critical. If the RTC is used
for the UNIX time with the internal oscillator, it is recommended
that the system host frequently send the time stamp to the
ADM1266 to synchronize the UNIX time and reduce the time
from drifting.
EXTERNAL OSCILLATOR
In an application where accurate time stamping is required, it is
recommended to use an external 32,768 Hz crystal to generate a
time base for the RTC. An external crystal is connected to the
ADM1266 using the XTAL1 and XTAL2 pins. In a system with
multiple ADM1266 devices, only one crystal is required.
MULTIPLE DEVICE TIME STAMPING
In a system where multiple ADM1266 devices are connected
and an external crystal is used, connect the SYNC pins so that
the RTC is using the same oscillator across all devices. This
configuration minimizes drift in time between devices caused
by variation in oscillating frequency, and requires one external
crystal. Configure the SYNC pin of the device with the external
crystal connected as an output, and the SYNC pin of the other
devices as an input. The SYNC pin configuration can be set
using the GPIO_SYNC_CONFIGURATION (Register 0xE1).
In a multiple device system, the real time can be set by sending
the UNIX time to the SET_RTC register of only one device. The
time is broadcast to the other devices in the system using the
IDB to ensure that all the devices have the same real time.
ADM1266
1
ADM1266
2
ADM1266
3
XTAL1, XTAL2
SYNC
IDSCL IDSDL
3.3V
SCL
SDA
AVDD_CAP
SCL
SDA
SCL
SDA
PMBus
SYNC
IDSCL IDSDL
SYNC
IDSCL IDSDL
Figure 15. Setting Up Time Stamping in a Multidevice Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com