Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 32 of 62
PMBus ADDRESS SELECTION
Control of the ADM1266 is implemented via the I2C interface.
The ADM1266 device is connected to the I2C bus as a slave
device under the control of a master device. The PMBus address
of the ADM1266 is set by connecting an external resistor from
the ADDR pin to GND. Table 10 lists the recommended resistor
values and associated PMBus addresses.
Table 10. PMBus Address Settings
PMBus Address
1% Resistor (kΩ) (E96 Series)
0x40
0.422
0x41
1.5
0x42
2.67
0x43
4.12
0x44
5.36
0x45
7.15
0x46
8.87
0x47
10.7
0x48
12.7
0x49
14.7
0x4A
16.9
0x4B
19.1
0x4C
21.5
0x4D
24.3
0x4E
27.4
0x4F
31.6
FAST MODE
Fast mode (400 kHz) uses essentially the same mechanics as
the standard mode of operation. The PMBus slave is capable of
communicating with a master device operating in standard
mode (100 kHz) or fast mode.
10-BIT ADDRESSING
The PMBus slave device does not support 10-bit addressing as
defined in the I2C specification.
PACKET ERROR CHECKING
The PMBus controller implements PEC to improve reliability
and communication robustness. Packet error checking is
implemented by appending a PEC byte at the end of the
message transfer. The PEC byte is calculated using a CRC-8
algorithm on all address, command, and data bytes from the
start to stop bits (excluding the acknowledge, no acknowledge,
start, restart, and stop bits). The PEC byte is appended to the
end of the message by the device that supplied the last data byte.
The receiver of the PEC byte is responsible for calculating its
internal PEC code and comparing it to the received PEC byte.
The ADM1266 can communicate with master PMBus devices
that support PEC, as well as with master devices that do not
support PEC. If a PEC byte is available, the PMBus device
checks the PEC byte and issues an acknowledge if the PEC byte
is correct. If the PEC byte comparison fails, the PMBus device
issues a no acknowledge in response to the PEC byte and does
not process the command sent from the master.
The PMBus device uses built in hardware to calculate the PEC
code using the CRC-8 polynomial, C(x) = x8 + x2 + x1 + 1. The
PEC code is calculated one byte at a time, in the order that the
bytes are received. In a read transaction, the PMBus device
appends the PEC byte following the last data byte. In a write
transaction, the PMBus device compares the received PEC byte
to the internally calculated PEC code.
ELECTRICAL SPECIFICATIONS
All logic complies with the electrical specification outlined in
the PMBus Power System Management Protocol Specification
Part 1 (Revision 1.2, September 6, 2010).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com