Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 35 of 62
STORE_USER_ALL
Table 15. Register 0x15—STORE_USER_ALL
Bits
Bit Name
Type
Description
Not Applicable
STORE_USER_ALL
Send
This command copies the entire contents of the operating memory into the device
memory.
RESTORE_USER_ALL
Table 16. Register 0x16—RESTORE_USER_ALL
Bits
Bit Name
Type
Description
Not Applicable
RESTORE_USER_ALL
Send
This command downloads the stored user settings from device memory into
operating memory.
Capability
This command allows host systems to determine the capabilities of the PMBus device.
Table 17. Register 0x19—Capability
Bits
Bit Name
R/W
Description
7
Packet error checking
R
Checks packet error capability of the device. 1 is supported.
[6:5]
Maximum bus speed
R
Checks the PMBus speed capability of the device. 01 is the maximum supported bus speed,
400 kHz.
4
SMBALRT
R
Checks support for the SMBus alert pin and the SMBus alert response address protocol. 0 =
not supported.
[3:0]
Reserved
R
Reserved.
VOUT_MODE
The VOUT_MODE command sets the data format for output voltage related data. The data byte for the VOUT_MODE command consists
of a 3-bit mode and 5-bit exponent parameter. The 3-bit mode determines whether the device uses linear format or direct format for the
output voltage related commands. The 5-bit parameter sets the exponent value for linear format.
Table 18. Register 0x20—VOUT_MODE
Bits
Bit Name
R/W
Description
[7:5]
Mode
R
Returns the output voltage data format. The value is fixed at 000, which means that only linear
data format is supported.
[4:0]
Exponent N
R/W
Twos complement of Exponent N used in the output voltage related commands in linear data
format (V = Y × 2N), where Y is mantissa.
VOUT_COMMAND
The VOUT_COMMAND command sets the output voltage. Exponent N is set using VOUT_MODE[4:0].
Table 19. Register 0x21—VOUT_COMMAND
Bits
Bit Name
R/W
Description
[15:0]
Mantissa Y
R/W
16-bit unsigned integer Y value for linear data format (V = Y × 2N). N is defined using
VOUT_MODE[4:0].
VOUT_TRIM
The VOUT_TRIM command applies a fixed offset voltage to the VOUT_COMMAND value.
Table 20. Register 0x22—VOUT_TRIM
Bits
Bit Name
R/W
Description
[15:0]
Offset trim
R/W
Twos complement integer that applies a fixed offset voltage to the VOUT_COMMAND value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com