Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 37 of 62
VOUT_UV_WARN_LIMIT
The VOUT_UV_WARN_LIMIT command sets the undervoltage threshold (in volts) measured at the sense/output pin, VHx/VPx, that
causes an undervoltage warning condition. Exponent N is set using VOUT_MODE[4:0].
Table 27. Register 0x43—VOUT_UV_WARN_LIMIT
Bits
Bit Name
R/W
Description
[15:0]
Mantissa Y
R/W
Unsigned Mantissa Y used in output voltage related commands in linear data format (V = Y × 2N).
VOUT_UV_FAULT_LIMIT
The VOUT_UV_FAULT_LIMIT command sets the undervoltage threshold value (in volts) measured at the sense/output pin, VHx/VPx,
that causes an undervoltage fault condition. Exponent N is set using VOUT_MODE[4:0].
Table 28. Register 0x44—VOUT_UV_FAULT_LIMIT
Bits
Bit Name
R/W
Description
[15:0]
Mantissa Y
R/W
Unsigned Mantissa Y used in output voltage related commands in linear data format (V = Y × 2N).
STATUS_BYTE
The STATUS_BYTE command returns one byte of information with a summary of the most critical faults.
Table 29. Register 0x78—STATUS_BYTE
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R
Reserved.
5
VOUT_OV_FAULT
R/W
VOUT OV fault status.
[4:2]
Reserved
R
Reserved.
1
CML
R/W
Communication, memory, or logic event.
0
Reserved
R
Reserved.
STATUS_WORD
The STATUS_WORD command returns two bytes of information with a summary of the unit’s fault condition.
Table 30. Register 0x79—STATUS_WORD
Bits
Bit Name
R/W
Description
15
VOUT
R/W
Logic OR of STATUS_VOUT, Bits[7:0].
[14:6]
Reserved
R
Reserved.
5
VOUT_OV_FAULT
R/W
VOUT OV fault status.
[4:2]
Reserved
R
Reserved.
1
CML
R/W
Communication, memory, logic.
0
Reserved
R
Reserved.
STATUS_VOUT
The STATUS_VOUT command obtains the status of the rail comparators.
Table 31. Register 0x7A—STATUS_VOUT
Bits
Bit Name
R/W
Description
7
VOUT_OV_FAULT
R
VOUT OV fault status.
6
VOUT_OV_WARNING
R
VOUT OV warning status.
5
VOUT_UV_WARNING
R
VOUT UV warning status.
4
VOUT_UV_FAULT
R
VOUT UV fault status.
[3:0]
Reserved
R
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com