Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 30 of 62
DATA TRANSFER COMMANDS
Data transfer using the PMBus slave is established using PMBus
commands. The PMBus specification requires that all PMBus
commands start with a slave address with the R/W bit cleared
(set to 0), followed by the command code. (The only exception is
the alert response address protocol.)
All PMBus commands supported by the ADM1266 device follow
one of the protocol types shown in Figure 20 to Figure 27. (For
PMBus master devices that do not support PEC, the PEC byte is
removed.) Figure 20 to Figure 27 use the following abbreviations:
S is the start condition
P is the stop condition
Sr is the repeated start condition
W is the write bit (0)
R is the read bit (1)
A is the acknowledge bit (0)
NA is the no acknowledge bit (1)
S
7-BIT SLAVE
ADDRESS
W
A
A
A
P
COMMAND
CODE
PEC
BYTE
= MASTER TO SLAVE
= SLAVE TO MASTER
Figure 20. Send Protocol with PEC
S
7-BIT SLAVE
ADDRESS
W
A
A
A
A
P
COMMAND
CODE
DATA
BYTE
PEC
BYTE
= MASTER TO SLAVE
= SLAVE TO MASTER
Figure 21. Write Byte Protocol with PEC
S
7-BIT
SLAVE
ADDRESS
W
A
A
A
A
A
P
COMMAND
CODE
DATA
BYTE
LOW
DATA
BYTE
HIGH
PEC
BYTE
= MASTER TO SLAVE
= SLAVE TO MASTER
Figure 22. Write Word Protocol with PEC
S
7-BIT
SLAVE
ADDRESS
7-BIT
SLAVE
ADDRESS
W
A
A
A
R
A
A
P
COMMAND
CODE
Sr
PEC
BYTE
DATA
BYTE
= MASTER TO SLAVE
= SLAVE TO MASTER
Figure 23. Read Byte Protocol with PEC
S
7-BIT
SLAVE
ADDRESS
7-BIT
SLAVE
ADDRESS
W
A
A
A
R
A
P
A
NA
COMMAND
CODE
Sr
PEC
BYTE
DATA
BYTE LOW
DATA
BYTE HIGH
= MASTER TO SLAVE
= SLAVE TO MASTER
Figure 24. Read Word Protocol with PEC
S
7-BIT
SLAVE
ADDRESS
BYTE
COUNT = M
W
. . .
A
A
A
A
A
A
P
COMMAND
CODE
PEC
BYTE
DATA
BYTE
1
DATA
BYTE
M
= MASTER TO SLAVE
= SLAVE TO MASTER
Figure 25. Block Write Protocol with PEC
S
7-BIT
SLAVE
ADDRESS
7-BIT
SLAVE
ADDRESS
W
Sr
A
A
A
A
A
A
P
NA
PEC
BYTE
R
COMMAND
CODE
DATA
BYTE 1
DATA
BYTE N
BYTE
COUNT = N
= MASTER TO SLAVE
= SLAVE TO MASTER
. . .
Figure 26. Block Read Protocol with PEC
A
A
DATA
BYTE 1
DATA
BYTE N
BYTE
COUNT = N
= MASTER TO SLAVE
= SLAVE TO MASTER
. . .
. . .
A
A
7-BIT
SLAVE
ADDRESS
Sr
A
R
DATA
BYTE
1
DATA
BYTE
M
S
7-BIT
SLAVE
ADDRESS
BYTE
COUNT = M
W
A
A
A
COMMAND
CODE
A
P
NA
PEC
BYTE
Figure 27. Block Write and Block Read Protocol with PEC
The PMBus slave module of the ADM1266 also supports
manufacturer specific extended commands. These commands
follow the same protocol as the standard PMBus commands.
However, the command code consists of two bytes:
Command code extension: 0xFE
Extended command code: 0x00 to 0xFF
Using the manufacturer specific extended commands, the PMBus
device manufacturer can add an additional 256 manufacturer
specific commands to its PMBus command set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com