Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 52 of 62
Table 79. PDIO_IN_STATUS and PDIO_OUT_STATUS Mapping
Bit
Field
Description
0
PDIO1_IN/OUT_STATUS
PDIO1 input/output status
1
PDIO2_IN/OUT_STATUS
PDIO2 input/output status
2
PDIO3_IN/OUT_STATUS
PDIO3 input/output status
3
PDIO4_IN/OUT_STATUS
PDIO4 input/output status
4
PDIO5_IN/OUT_STATUS
PDIO5 input/output status
5
PDIO6_IN/OUT_STATUS
PDIO6 input/output status
6
PDIO7_IN/OUT_STATUS
PDIO7 input/output status
7
PDIO8_IN/OUT_STATUS
PDIO8 input/output status
8
PDIO9_IN/OUT_STATUS
PDIO9 input/output status
9
PDIO10_IN/OUT_STATUS
PDIO10 input/output status
10
PDIO11_IN/OUT_STATUS
PDIO11 input/output status
11
PDIO12_IN/OUT_STATUS
PDIO12 input/output status
12
PDIO13_IN/OUT_STATUS
PDIO13 input/output status
13
PDIO14_IN/OUT_STATUS
PDIO14 input/output status
14
PDIO15_IN/OUT_STATUS
PDIO15 input/output status
15
PDIO16_IN/OUT_STATUS
PDIO16 input/output status
SET_RTC
This command reads/writes the timestamp from/to the device by the GUI.
Table 80. Register 0xDF—SET_RTC
Byte
Bit Name
R/W
Description
0
Data length
Block R/W
Size of data for this block read/write, fixed to 6.
[7:1]
Data
Block R/W
6-byte timestamp message.
LOGIC_CONFIGURATION
This command block reads/writes the logic configuration for the device.
Table 81. Register 0xE0—LOGIC_CONFIGURATION (for Block WR)
Byte
Bit Name
R/W
Description
0
Parameter length
Block W
Parameter data length, fixed to 3.
1
Data length
Block W
Data length.
2
Offset address (low)
Block W
The low 8-bit offset address of total logic data.
3
Offset address (high)
Block W
The high 8-bit offset address of total logic data.
0
Data length
Block R
Readback logic data length, maximum value of N = 252. N must be a multiple value of 4.
[252:1]
Data
Block R
Logic data.
Table 82. Register 0xE0—LOGIC_CONFIGURATION (for Block W)
Byte
Bit Name
R/W
Description
0
Data length
Block W
Number of bytes of data for this block write.
1
Offset address (low)
Block W
The low 8-bit offset address of total logic data.
2
Offset address (high)
Block W
The high 8-bit offset address of total logic data.
[250:3]
Data
Block W
Data for logic data, max value of N = 250. N − 3 + 1 must be a multiple value of 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com