Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 33 of 62
PMBus COMMANDS
Table 11 lists the standard PMBus commands that are implemented
on the ADM1266. Many of these commands are implemented
in registers that share the same hexadecimal value as the PMBus
command code.
Table 11. PMBus Command List
Code
Name
Type1
Bytes
0x00
PAGE
R/W
1
0x01
OPERATION
R/W
1
0x03
CLEAR_FAULTS
S
0
0x15
STORE_USER_ALL
S
0
0x16
RESTORE_USER_ALL
S
0
0x19
CAPABILITY
R
1
0x20
VOUT_MODE
R/W
1
0x21
VOUT_COMMAND
R/W
2
0x22
VOUT_TRIM
R/W
2
0x25
VOUT_MARGIN_HIGH
R/W
2
0x26
VOUT_MARGIN_LOW
R/W
2
0x29
VOUT_SCALE_LOOP
R/W
2
0x2A
VOUT_SCALE_MONITOR
R/W
2
0x40
VOUT_OV_FAULT_LIMIT
R/W
2
0x42
VOUT_OV_WARN_LIMIT
R/W
2
0x43
VOUT_UV_WARN_LIMIT
R/W
2
0x44
VOUT_UV_FAULT_LIMIT
R/W
2
0x78
STATUS_BYTE
R/W
1
0x79
STATUS_WORD
R/W
2
0x7A
STATUS_VOUT
R
1
0x7E
STATUS_CML
R
1
0x80
STATUS_MFR_SPECIFIC
R
1
0x8B
READ_VOUT
R
2
0x98
PMBUS_REVISION
R
1
0x99
MFR_ID
Block
WR/W
1 to 32
0x9A
MFR_MODEL
Block
WR/W
1 to 32
0x9B
MFR_REVISION
Block
WR/W
1 to 8
0x9C
MFR_LOCATION
Block
WR/W
1 to 48
0x9D
MFR_DATE
Block
WR/W
1 to 16
0x9E
MFR_SERIAL
Block
WR/W
1 to 32
0xAD
IC_DEVICE_ID
Block R
3
0xAE
IC_DEVICE_REV
Block R
8
0xD0
VOUT_OV_HYST_LIMIT
R/W
2
0xD1
VOUT_UV_HYST_LIMIT
R/W
2
0xD2
Vx_CONFIGURATION
R/W
2
0xD3
BLACKBOX_CONFIGURATION
R/W
2
0xD4
PDIO_CONFIGURATION
Block
WR,
Block W
2 to 32,
3 to 33
0xD5
DAC_CONFIGURATION
Block
WR,
Block W
2 to 18,
3 to 19
Code
Name
Type1
Bytes
0xD6
SEQUENCE_CONFIGURATION
Block
WR/W
3 to 250
0xD7
SYSTEM_CONFIGURATION
Block
WR/W
3 to 250
0xD8
GO_COMMAND
R/W
2
0xD9
READ_STATE
R
2
0xDA
VOUT_MARGIN_LOOP
R/W
2
0xDB
MARGIN_CONFIGURATION
R/W
2
0xDC
BREAKPOINTS
Block
WR/W
1 to 128
0xDD
ICB_CONFIGURATION
Block
R/W
8
0xDE
READ_BLACKBOX
Block
WR,
Block W
65, 2
0xDF
SET_RTC
Block
R/W
6
0xE0
LOGIC_CONFIGURATION
Block
WR/W
3 to 250
0xE1
GPIO_SYNC_CONFIGURATION
Block WR
1
Block W
2
0xE3
USER_DATA
Block
WR/W
3 to 250
0xE4
POWERUP_COUNTER
Block R
2
0xE5
VOUT_RESISTOR
Block
WR/W
5 to 16
0xE6
BLACKBOX_INFORMATION
Block R
4
0xE7
ALL_STATUS_VOUT
Block R
17
0xE8
ALL_READ_VOUT_MODE
Block R
51
0xE9
PDIO_STATUS
Block R
2
0xEA
GPIO_STATUS
Block R
2
0xEB
DAC_CODE_CONFIGURATION
Block
WR,
Block W
3 to 19,
4 to 20
0xEC
RTS_CONFIGURATION
R/W
2
0xED
STATUS_MFR_SPECIFIC_2
R
2
0xF4
REFRESH_CONFIGURATION
Block W
3 to 4
Block WR
2 to 9
0xF5
REFRESH_FLASH
R/W
2
0xF6
HITLESS_TIMEOUT
R/W
2
0xF7
VAR_VALUE
Block WR
2 to 5
0xF8
MEMORY_CONFIGURATION
Block
R/W
3
0xF9
MEMORY_RECALCULATE_CRC
W
2
0xFA
SWITCH_MEMORY
Block W
1
0xFB
ERASE_MEMORY
Block W
1
0xFC
UPDATE_FW
W
2
0xFD
FW_PASSWORD
Block W
17
1 S is the send byte command, no data. Block WR is the block write parameter
and block read data. Block W is the block write command. Block R is the
block read command. Block WR/W means a standard block write is
performed to write to the command, but the command must be written first
before it can be read back.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com