Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 27 of 62
Nondestructive operation above TJ = 85°C is possible. However,
the electrical specifications are not guaranteed and, in this case, the
EEPROM degrades. Operating the EEPROM above TJ = 85°C
may result in a degradation of retention characteristics. The fault
logging function, which is useful in debugging system problems
that may occur at high temperatures, only writes to fault log
EEPROM locations. If occasional writes to these registers occur
above TJ = 85°C, a slight degradation in the data retention
characteristics of the fault log may occur. It is recommended
that the EEPROM not be written using STORE_USER_ALL
or bulk programming when TJ > 85°C. The degradation in
EEPROM retention for temperatures TJ > 85°C can be
approximated by calculating the dimensionless acceleration
factor using the following equation:
11
273
273
USE
STRESS
Ea
kT
T
AF
e

 ×−



++
 

=
where:
AF is the acceleration factor.
Ea, the activation energy, = 0.6 eV.
k = 8.617 × 10−5 eV/°K.
TUSE = 85°C, the specified junction temperature.
TSTRESS is the actual junction temperature.
For example, calculate the effect on retention when operating at
a junction temperature of 125°C for 10 hours.
TSTRESS = 125°C
AF = 7.062
The equivalent operating time at 85°C = 70.62 hours.
Therefore, the overall retention of the EEPROM degrades by
60.62 hours as a result of operation at a junction temperature of
125°C for 10 hours. The effect of this overstress is negligible
when compared to the overall EEPROM retention rating of
87,600 hours at a maximum junction temperature of 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com