Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM1266ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 4 of 62
DETAILED FUNCTIONAL BLOCK DIAGRAM
RANGE
SELECT
+
+
GLITCH
FILTER
OV
DAC
UV
DAC
GLITCH
FILTER
FILTER
SETTINGS
ADC INPUT
VH1
VH2
VH3
VH4
VP1
VP2
VP3
VP4
VP5
VP6
VP7
VP12
VP13
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
REFERENCE
REFOUT
REFGND
GPIO1
GND
DAC1
DAC2
DAC3
DAC4
DAC5
DAC6
DAC7
DAC8
PDIO1
PDIO2
PDIO3
PDIO4
PDIO5
PDIO6
PDIO7
PDIO8
PDIO9
PDIO10
PDIO11
PDIO12
PDIO13
PDIO14
PDIO15
XTAL1 XTAL2
TIMESTAMP
CLOCK
SYNC
VP8
VP9
VP11
VP10
DAC
DAC9
VDD ARBITRATOR
AVDD_CAP
3.3V
LDO
DVDD_CAP
1.8V
LDO
PDIO16
PMBus
INTERFACE
SCL
SDA
ADDR
GPIO2 GPIO3 GPIO4 GPIO5 GPIO6 GPIO7 GPIO8 GPIO9
ID_SCL ID_SDA
INTERDEVICE BUS
GPIOS
12-BIT
SAR ADC
PROGRAMMABLE
SEQUENCING
ENGINE
MARGINING
LOGIC BLOCK
PMBus
EEPROM AND SRAM
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com