Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 22 of 62
BLACK BOX (EEPROM) FAULT RECORDING
The ADM1266 has a configurable black box feature. Using this
feature, the device is capable of recording to nonvolatile flash
memory the vital data about the system status that caused the
system to perform a black box write.
BLACK BOX WRITES WHEN EXTERNAL SUPPLY IS
POWERING DOWN
When all the input supplies fail, the state machine can be
programmed to trigger a write into the black box flash. Provided
that the AVDD_CAP voltage remains above 3.0 V during the
memory write, the entire fault record is written to the EEPROM.
To ensure a complete black box write, it is recommended to place
a capacitor of at least 68 µF on the AVDD_CAP pin.
TRIGGERING A BLACK BOX WRITE
Black box information can be captured in the loop action or
enter action of a state, when the black box action is triggered.
If the black box action is triggered in the loop action, the device
takes a snapshot immediately and writes it to the flash memory
at the end of the enter actions of the next state.
If the black box action is triggered in the enter actions, the
device takes a snapshot immediately and writes it at the end of
the enter actions of the same state.
When multiple ADM1266 devices are connected though the
IDB, a black box write trigger in each device initiates a black
box write to ensure that the status of the entire system is
captured. Each black box record has a unique ID that is the
same across all the devices, which enables combining
information together from multiple devices.
BLACK BOX RECORD MODE
There are two types of black box record mode: single mode and
cyclic mode. Four pages of flash memory are reserved for a
single mode black box record, and five pages of flash memory
for cyclic mode. Each black box record has 64 bytes. The black
box mode can be changed without power cycling the device.
Single Mode
In single mode, the black box can write up to 32 fault records.
When the 32 records are filled, the ADM1266 black box does
not write anymore until the records are erased. Single mode is
useful for keeping the initial fault records and preventing them
from being overwritten.
Cyclic Mode
In cyclic mode, the black box operates in a circular recording
mode, and after writing the eighth record of any page, the next
page is automatically erased to allow continuous black box
recording. In cyclic mode, there can be up to 32 records at a
time. Cyclic mode is useful to keep the most recent black box
information.
POWER-UP COUNTER
The power-up counter in the ADM1266 keeps a record of the
number of times the ADM1266 has been powered up. It is stored in
nonvolatile memory. The power-up counter is 2 bytes and has a
maximum count up to 65,535 power cycles. The counter
increments automatically at every power cycle of ADM1266
and cannot be reset by the user.
BLACK BOX WRITE TIME
Writing 4 bytes of data to the flash memory takes 46 µs, and
each fault record has 64 bytes of data. The total time taken to
write one fault record is approximately 736 µs.
BLACK BOX CONTENTS
The total number of black box records in the device can be read
from the record count byte of the BLACKBOX_INFORMATION
register. The index of the last record that was written to the black
box is pointed by the logic index byte of the BLACKBOX_
INFORMATION register. The value is only valid when the
record count is greater than zero.
The last black box record number can be read back by the
READ_BLACKBOX register.
The black box record data can be read by READ_BLACKBOX.
The record number and the last record index can be read back
by BLACKBOX_INFORMATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com