Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 54 of 62
USER_DATA
This command block reads/writes the user data.
Table 87. Register 0xE3—USER_DATA (for Block WR)
Byte
Bit Name
R/W
Description
0
Parameter length
Block W
Parameter data length, fixed to 3.
1
Data length
Block W
Data length.
2
Offset address (low)
Block W
The low 8-bit offset address of total user data.
3
Offset address (high)
Block W
The high 8-bit offset address of total user data.
0
Data length
Block R
Read back user data length, maximum value of N = 252. N must be a multiple value of 4.
[N:1]
Data
Block R
User data.
Table 88. Register 0xE3— USER_DATA (for Block W)
Byte
Bit Name
R/W
Description
0
Data length
Block W
Number of bytes of data for this block write.
1
Offset address (low)
Block W
The low 8-bit offset address of total user data.
2
Offset address (high)
Block W
The high 8-bit offset address of total user data.
[N:3]
Data
Block W
Data for user data, maximum value of N = 250.
POWERUP_COUNTER
This command reads the power-up counter from the device by the GUI.
Table 89. Register 0xE4—POWERUP_COUNTER
Byte
Bit Name
R/W
Description
0
Data length
Block W
The length of the power-up counter data that the ADM1266 returns, fixed to 2
[2:1]
Counter
Block W
Counter value
VOUT_RESISTOR
This command block reads/writes the resistor divider information.
Table 90. Register 0xE5—VOUT_RESISTOR (for Block WR)
Byte
Byte Name
R/W
Description
0
Parameter length
Block
W
Parameter data length, fixed to 1.
1
Resistor index
parameter
Block
W
The index of the resistor is set. When the index is 0xFF, it reads back all resistor configurations.
0 = R4, 1 = R5, 2 = R1, 3 = R2, 4 = R3 (see Figure 12).
0
Data length
Block R
Readback configuration data length. Set to 3 when resistor index parameter < 5, 15 when
resistor index parameter is 0xFF.
[15:1]
Data
Block R
Information for resistor.
Table 91. Register 0xE5—VOUT_RESISTOR (for Block W)
Byte
Bit Name
R/W
Description
0
Data length
Block W
Number of bytes of data for this block write.
1
Resistor index parameter
Block W
The index of the resistor.
[5:2]
Data
Block W
Data for resistor, maximum value of N = 5.
Table 92. Three Bytes of Data for Each Resistor
Bits
Bit Name
R/W
Description
[23:16]
Exponent
R/W
Twos complement Exponent N used in linear data format (X = Y × 2N).
15
Reserved
R/W
Reserved.
[14:0]
Mantissa
R/W
Twos complement Mantissa Y used in linear data format (X = Y × 2N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com