Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 8 of 62
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
BUFFERED VOLTAGE OUTPUT DACs
Resolution
8
Bits
Code 0x7F Output Voltage
0.2 V to 0.8 V
0.501
0.506
0.516
V
0.3 V to 0.9 V
0.603
0.607
0.618
V
0.5 V to 1.1 V
0.804
0.809
0.820
V
0.7 V to 1.3 V
1.005
1.011
1.021
V
0.95 V to 1.55 V
1.256
1.264
1.273
V
Output Voltage Range
606
mV
Same range, independent of center point
LSB Step Size
2.376
mV
DAC Supply Currents
3
mA
Maximum total source for all DAC pins
DAC Leakage Current
1
µA
Maximum Load Current
Source
0.25
mA
Sink
0.25
mA
Maximum Load Capacitance
50
pF
Settling Time to 50 pF Load
2
µs
ADC
Signal Range
0
VREF
V
Resolution
12
Bits
Round Robin Time
5
ms
SERIAL BUS DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL
0.4
V
Clock Frequency, fSCLK
400
kHz
Bus Free Time, tBUF
1.3
µs
Start Setup Time, tSU;STA
0.6
µs
Stop Setup Time, tSU;STO
0.6
µs
Start Hold Time, tHD;STA
0.6
µs
SCL Low Time, tLOW
1.3
µs
SCL Low Timeout, tLOW:MAX
35
ms
PMBus resets if this value is exceeded
SCL High Time, tHIGH
0.6
50
µs
SCL, SDA Rise Time, tR
300
ns
SCL, SDA Fall Time, tF
300
ns
Data Setup Time, tSU;DAT
100
ns
Data Hold Time, tHD;DAT
300
ns
ADDR PIN PULL-UP CURRENT
45
50
55
µA
SYNC
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH
2.6
AVDD_CAP
V
Output Low Voltage, VOL
0.5
V
Clock Frequency, fSCLK
32.768
kHz
INTERDEVICES BUS (IDB)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL
0.4
V
Clock Frequency, fSCLK
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com