Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 53 of 62
GPIO_CONFIGURATION
This command block reads/writes the GPIO configuration.
Table 83. Register 0xE1—GPIO_CONFIGURATION (for Block RW)
Byte
Byte Name
R/W
Description
0
Parameter length
Block W
Parameter data length, fixed to 1.
1
GPIO index
parameter
Block W
GPIO index. Refer to Table 86.
0
Data length
Block R
The length of the GPIO configuration data that the ADM1266 returns, fixed to 2.
1
Data
Block R
Data for GPIO configuration.
2
Data
Block R
Reserved.
Table 84. Register 0xE1—GPIO_SYNC_CONFIGURATION (for Block W)
Byte
Bit Name
R/W
Description
0
Data length
Block W
Number of bytes of data for this block write. For a write, its value is fixed to 2.
1
Index
Block W
GPIO_SYNC index. Refer to Table 86.
2
Data
Block W
Data for GPIO configuration.
Table 85. Data for Each GPIO_SYNC Configuration
Bits
Bit Name
R/W
Description
[7:4]
Reserved
R
Reserved.
4
Out mode
R/W
0 is push/pull, 1 is open drain
3
Input enable
R/W
0 is disable, 1 is enable
2
Output enable
R/W
0 is disable, 1 is enable
[1:0]
GPIO functions
R/W
GPIO functions, 00 is high-Z, 11 is GPIO
Table 86 shows the mapping between the internal GPIO index and the external GPIOx pins.
Table 86. GPIO Mapping
External GPIOx_SYNC Pin
GPIO Index
GPIO1
0
GPIO2
1
GPIO3
2
GPIO4
8
GPIO5
9
GPIO6
10
GPIO7
11
GPIO8
6
GPIO9
7
SYNC
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com