Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 16 of 62
Threshold Settings
The UV and OV thresholds are set using the commands in Table 7.
Table 7. UV and OV Threshold Commands
Command
Register
Description
VOUT_MODE
0x20
Used for setting the
exponent for linear
PMBus calculations for
the following commands
VOUT_OV_WARN_LIMIT,
VOUT_UV_WARN_LIMIT
0x42,
0x43
Used for setting mantissa
for linear PMBus
calculation of warning
limits
VOUT_OV_FAULT_LIMIT,
VOUT_UV_FAULT_LIMIT
0x40,
0x44
Used for setting mantissa
for linear PMBus
calculation of fault limits
VOUT_OV_HYST_LIMIT,
VOUT_UV_HYST_LIMIT
0xD0,
0xD1
Used for setting mantissa
for linear PMBus
calculation of hysteresis
limits
Voltage Readback and Status
The ADM1266 has an on-board, 12-bit accurate ADC for
voltage readback over the PMBus using the READ_VOUT
command (Register 0x8B). Inputs to the ADC consist of the
17 SFD inputs (VHx and VPx pins). The inputs to the ADC
come from the back of the input attenuators on the VPx and
VHx pins, as shown in Figure 9.
Supplies can also be connected to the input pins purely for ADC
readback, even though these pins may go above the expected
supervisory range limits (but not above the absolute maximum
ratings on these pins). For example, a 1.5 V supply connected to
the VP1 pin on the lowest range (0.4 V to 1.0 V) can be correctly
read out as on the ADC, but it always sits above any supervisory
limits that can be set on that pin.
Voltage Trimming
Use the VOUT_TRIM PMBus command (Register 0x22) to add
an additional offset trim to all the threshold settings and for voltage
readback. This command can be used to remove any inaccuracies
generated by the external components.
PROGRAMMABLE DRIVER INPUT/OUTPUTS
Supply Sequencing Through Configurable Output
Drivers
The programmable driver input/output (PDIOx) pins are typically
used to drive logic enables on external supplies or as digital
inputs into the sequencing engine. The sequence in which the
PDIOx pins are asserted (and, therefore, the supplies are turned
on) is controlled by the SE firmware. The SE determines the action
that is taken with the PDIOx pins, based on the condition of the
ADM1266 inputs. Therefore, the PDIOx pins can be set up to
assert when the SFDs are in tolerance and no faults are received
from any of the inputs of the device.
The PDIOx pins can also be used to provide a power-good signal,
when all the SFDs are in tolerance, or a reset output if one of the
SFDs goes out of specification (this power-good signal can be
used as a status signal for a DSP, FPGA, or other microcontroller).
The open-drain nature of the PDIOx pins also allows them to
be used to drive status LEDs.
The output stage of the PDIOx pins has programmable pull-up
and pull-down options. The PDIOx pins can be programmed as
follows:
Push/pull to AVDD_CAP. When using a PDIOx pin in a
push/pull configuration, a 20 kΩ resistor in series is recom-
mended to limit the current drawn from the PDIOx pin.
Open drain with an internal 20 kΩ pull-up resistor to
AVDD_CAP.
Open drain with an external pull-up resistor up to 20 V.
Open source with an internal 20 kΩ pull-down resistor to
GND.
Open source with external pull-down resistor to GND.
High-Z.
Internal 20 kΩ pull-up resistor to AVDD_CAP.
Internal 20 kΩ pull-down resistor to GND.
10
Ω 20kΩ
20k
AVDD_CAP (3.3V)
PDIOx
INPUT
OUTPUT
OUTPUT
CONFIG
12V
Figure 10. Programmable Driver Input/Output
Default Output Configuration
All of the internal registers in an unprogrammed ADM1266
device from the factory are set to 0. Because of this default setting,
the PDIOx pins are pulled to GND by a weak (20 kΩ), on-chip,
pull-down resistor.
As the input supply to the ADM1266 ramps up on VHx, all
PDIOx pins behave as follows:
Input supply = 0 V to 1.5 V. The PDIOx pins are high
impedance.
Input supply = 1.5 V to 2.7 V. The PDIOx pins are pulled to
GND by a weak (20 kΩ), on-chip, pull-down resistor.
Supply > 2.7 V. Factory programmed devices continue to
pull all PDIOx pins to GND by a weak (20 kΩ), on-chip,
pull-down resistor. Programmed devices download current
EEPROM configuration data, and the programmed setup is
latched. The PDIOx pin then goes to the state demanded by
the configuration. This configuration provides a known
condition for the PDIOx pins during power-up. If the pin is
configured to output, after downloading the configuration
and before the sequence is run, the ADM1266 senses the
voltage on the pin and drives the pin to the same level as the
voltage sensed on the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com