Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 31 of 62
GROUP COMMAND PROTOCOL
In addition to the communication protocols described in the
Data Transfer Commands section, the PMBus slave supports
a special group command in which commands are sent to
multiple slaves in a single serial transmission. The commands
to each slave can be different from one another, with each set
of slave address and command separated by a repeated start (Sr)
bit (see Figure 28). At the end of a transmission to all slaves, a
single stop (P) bit is sent to initiate concurrent execution of the
received commands by all slaves.
The PEC byte transmitted to each slave is calculated using only
its slave address, command code, and data bytes.
S
SLAVE 1
ADDRESS
SLAVE 2
ADDRESS
DATA
1 . . . N
W
A
A
A
COMMAND
CODE
1
PEC
1
Sr
DATA
1 . . . N
W
A
A
A
A
A
A
COMMAND
CODE
2
PEC
2
SLAVE M
ADDRESS
Sr
DATA
1 . . . N
W
A
A
P
A
COMMAND
CODE
M
PEC
M
= MASTER TO SLAVE
= SLAVE TO MASTER
Figure 28. Group Command Protocol with PEC
CLOCK GENERATION AND STRETCHING
The ADM1266 is always a PMBus slave device in the overall
system; therefore, the device never needs to generate the clock,
which is performed by the master device in the system.
However, the PMBus slave device is capable of clock stretching
to place the master in a wait state. By stretching the SCL signal
during the low period, the slave device communicates to the
master device that it is not ready and that the master device
must wait.
Conditions where the PMBus slave device stretches the SCL line
low include the following:
The master device is transmitting at a higher baud rate
than the slave device.
The receive FIFO buffer of the slave device is full and must
be read before continuing to prevent a data overflow
condition.
The slave device is not ready to send data that the master
has requested.
The slave device can stretch the SCL line only during the low
period. Whereas the I2C specification allows indefinite
stretching of the SCL line, the PMBus specification limits the
maximum time that the SCL line can be held low to 25 ms, after
which the ADM1266 must release the communication lines and
reset its state machine.
START AND STOP CONDITIONS
Start and stop conditions involve serial data transitions while
the serial clock is at a logic high level. The PMBus slave device
monitors the SDA and SCL lines to detect the start and stop
conditions and transition to its internal state machine accordingly.
Figure 29 shows typical start and stop conditions.
Figure 29. Start and Stop Transitions
REPEATED START CONDITION
In general, a repeated start (Sr) condition is the absence of a
stop condition between two transfers. The PMBus communica-
tion protocol makes use of the repeated start condition only when
performing a read access (read byte, read word, and block read).
Other uses of the repeated start condition are not allowed.
GENERAL CALL SUPPORT
The PMBus slave is capable of decoding and acknowledging
a general call address. The PMBus device responds to both its
own address and the general call address (0x00).
All PMBus commands must start with the slave address with the
R/W bit cleared (set to 0), followed by the command code, when
using the general call address to communicate with the PMBus
slave device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com