Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 17 of 62
The internal pull-down resistor can be overdriven with an external
pull-up resistor of suitable value tied from the PDIOx pin to the
required pull-up voltage. The 20 kΩ resistor must be accounted
for when calculating a suitable value. For example, if PDIOx
must be pulled up to 3.3 V, and 5 V is available as an external
supply, the pull-up resistor (RUP) value is given by
3.3 V = 5 V × 20 kΩ/(RUP + 20 kΩ)
Therefore, RUP = (100 kΩ − 66 kΩ)/3.3 V = 10 kΩ.
PDIOx as Inputs
The PDIOx pins can be configured as inputs to trigger the
sequence engine and cause events in the state machine. The
PDIOx pins can also be used as inputs to the logic block. They
have a dedicated glitch filter that filters out any transient noises
on the signals. The glitch filter can be programmed to values
from 500 ns to 100 μs.
Additionally, these pins can be configured as inputs and outputs
at the same time, which is particularly useful for multiple
devices monitoring and controlling the same signal.
GENERAL-PURPOSE INPUT/OUTPUTS
There are nine dedicated pins that serve as GPIOs. Each pin can
be configured as an input, an output, or both. The GPIOs have
no internal glitch filter. The default start-up condition of the
GPIOs is high impedance.
10
Ω
AVDD_CAP (3.3V)
GPIOx
INPUT
OUTPUT
OUTPUT
CONFIG
3.3V
INPUT
CONFIG
Figure 11. GPIOs
In input only mode, the GPIOs can be used to trigger an action
in the sequence engine, or as inputs to logic block.
In output only mode, the GPIO pins can be configured in a
push/pull configuration or as an open drain with an external
pull-up resistor. In push/pull mode, the GPIOs are internally
pulled up to 3.3 V. When using a GPIOx pin in a push/pull
configuration, a 20 kΩ resistor in series is recommended to
limit the current drawn from the GPIOx pin. In open-drain
configuration, the GPIOs are pulled up using an external
resistor up to 3.3 V. The output status of the GPIOs can be
driven from the sequence engine or logic block.
The GPIOs in output mode can be used as a power-good or
fault signal.
In input/output mode, the GPIOs can only be configured in
open-drain configuration with an external pull-up resistor. In
this mode, multiple GPIOs across several devices are OR’ed
together to create a signal.
When disabled, the GPIOx pin is high impedance.
The GPIOs are configured using the GPIO_CONFIGURATION
command (Register 0xE1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com