Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 50 of 62
Table 71. Register 0xDC—BREAKPOINTS (Block W)
Byte
Bit Name
R/W
Description
0
Data length
Block W
The length of breakpoints data to write. Maximum = 64 bytes.
[128:1]
Data
Block W
Bit 0 of Byte 1 sets the breakpoint for State 1, Bit 1 of Byte 1 sets the breakpoint for State 2,
incrementing up to Bit 7 of Byte 64 sets the breakpoint for State 1024. Maximum value of N = 128.
ICB_CONFIGURATION
This command either writes or reads the IDB configurations.
Table 72. Register 0xDD—ICB_CONFIGURATION (Block R/W)
Byte
Bit Name
R/W
Description
0
Data length
Block R/W
Number of bytes of data for this block read/write, fixed to 8.
[8:1]
Data
Block R/W
Data for ICB configuration.
READ_BLACKBOX
This command reads back the black box record or erases the black box memory
Table 73. Register 0xDE—READ_BLACKBOX (for Block WR)
Byte
Bit Name
R/W
Description
0
Parameter length
Block W
Number of bytes of data for this block write, fixed to 1.
1
Index
Block W
Black box record index.
0
Data length
Block R
The length of the black box data that the ADM1266 returns.
[64:1]
Data
Block R
Data for one black box record.
Table 74. Register 0xDE—READ_BLACKBOX (for Block W)
Byte
Bit Name
R/W
Description
0
Parameter data
length
Block W
Number of bytes of data for this block write. This byte is fixed to 2 to erase the black box
memory.
[2:1]
Parameter
Block W
To erase, set Byte 1 as 0xFE and Byte 2 as 0x00.
Table 75. Black Box Data Format
Byte
Field
Description
[1:0]
ID
Each black box record has a unique ID but that ID is the same for all black box records across multiple
devices.
2
Empty
0 = used, 1 = empty.
Reserved
Reserved.
Page
Page index that current record is saved in.
JUMP_TYPE
The jump (transition from one state to another) was due to sequence action, receipt of jump message.
3
ACTION_INDEX
Black box action index.
4
RULE_INDEX
Black box action rule index.
5
VHx_OV_STATUS
Overvoltage status of the VHx pins. Mapping of the VHx pins are shown in Table 76.
VHx_UV_STATUS
Undervoltage status of the VHx pins. Mapping of the VHx pins are shown in Table 76.
[7:6]
CURRENT_STATE
The state in which the black box write was triggered.
[9:8]
LAST_STATE
The state from which the black box write was entered.
[11:10]
VP_OV_STATUS
Overvoltage status of the VPx pins. Mapping of the VPx pins are shown in Table 77.
[13:12]
VP_UV_STATUS
Undervoltage status of the VPx pins. Mapping of the VPx pins are shown in Table 77.
[15:14]
GPIO_IN_STATUS
Input status of GPIOx pins. Mapping of the GPIOx pins are shown in Table 78.
[17:16]
GPIO_OUT_STATUS
Output status of GPIOx pins. Mapping of the GPIOx pins are shown in Table 78.
[19:18]
PDIO_IN_STATUS
Input status of PDIOx pins. Mapping of the PDIOx pins are shown in Table 79.
[21:20]
PDIO_OUT_STATUS
Output status of PDIOx pins. Mapping of the PDIOx pins are shown in Table 79.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com