Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 38 of 62
STATUS_CML
The STATUS_CML command returns one data byte with contents as described in Table 32.
Table 32. Register 0x7E—STATUS_CML
Bits
Bit Name
R/W
Description
7
INVALID_COMMAND
R
Invalid or unsupported command received.
6
Reserved
R
Reserved.
5
PEC_ERROR
R
PEC failed.
4
MEMORY_FAULT_DETECTED
R
Memory fault detected.
[3:0]
Reserved
R
Reserved.
STATUS_MFR_SPECIFIC
The STATUS_MFR_SPECIFIC command returns one data byte with contents as described in Table 33.
Table 33. Register 0x80—STATUS_MFR_SPECFIC
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R
Reserved.
5
ALL_CRC_FAULT
R
0 means all CRC checks passed, 1 means all CRC checks failed.
4
Reserved
R
Reserved.
3
RUNNING_REFRESH
R
0 means refresh is complete, 1 means refresh is running.
2
PART_LOCKED
R
0 means device is unlocked, 1 means device is locked.
1
PART_DATA_COMPATIBLE
R
0 means settings and sequence data is compatible, 1 means settings and sequence
data are not compatible.
0
SILICON_COMPATIBLE
R
0 means silicon version check passed, 1 means silicon version check failed.
READ_VOUT
The READ_VOUT command returns the actual, measured output voltage, V = Y × 2N. Exponent N is set using VOUT_MODE[4:0].
Table 34. Register 0x8B—READ_VOUT
Bits
Bit Name
R/W
Description
[15:0]
Mantissa Y
R
Unsigned Mantissa Y used in output voltage related commands in linear data format (V = Y × 2N).
PMBUS_REVISION
The PMBUS_REVISION command returns the PMBus version information. The ADM1266 is compliant with PMBus Revision 1.2.
Reading this command results in a value of 0x22.
Table 35. Register 0x98—PMBUS_REVISION
Bits
Bit Name
R/W
Description
[7:4]
Part 1 revision
R
Compliant to PMBus Part 1 specification: 0010 = Revision 1.2.
[3:0]
Part 2 revision
R
Compliant to PMBus Part 2 specification: 0010 = Revision 1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com