Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 55 of 62
BLACKBOX_INFORMATION
This command reads the black box record counter and logic index.
Table 93. Register 0xE6—BLACKBOX_INFORMATION
Byte
Byte Name
R/W
Description
0
Data length
Block R
The length of the black box data that the ADM1266 returns, fixed to 4.
[2:1]
Black box ID
Block R
Latest black box ID.
3
Logic index
Block R
The latest black box record logic index.
4
Record count
Block R
The value of black box record count.
ALL_STATUS_VOUT
The ALL_STATUS_VOUT command returns all rails comparator status.
Table 94. Register 0xE7—ALL_STATUS_VOUT
Byte
Bit Name
R/W
Description
0
Data length
Block R
Readback status data length, fixed to 17.
1
STATUS_VH1
Block R
VH1 status VOUT.
2
STATUS_VH2
Block R
VH2 status VOUT.
3
STATUS_VH3
Block R
VH3 status VOUT.
4
STATUS_VH4
Block R
VH4 status VOUT.
5
STATUS_VP1
Block R
VP1 status VOUT.
6
STATUS_VP2
Block R
VP2 status VOUT.
7
STATUS_VP3
Block R
VP3 status VOUT.
8
STATUS_VP4
Block R
VP4 status VOUT.
9
STATUS_VP5
Block R
VP5 status VOUT.
10
STATUS_VP6
Block R
VP6 status VOUT.
11
STATUS_VP7
Block R
VP7 status VOUT.
12
STATUS_VP8
Block R
VP8 status VOUT.
13
STATUS_VP9
Block R
VP9 status VOUT.
14
STATUS_VP10
Block R
VP10 status VOUT.
15
STATUS_VP11
Block R
VP11 status VOUT.
16
STATUS_VP12
Block R
VP12 status VOUT.
17
STATUS_VP13
Block R
VP13 status VOUT.
ALL_READ_VOUT
The ALL_READ_VOUT command returns all the output voltage value (V) in linear data format (V = Y × 2N). Exponent N is set using
VOUT_MODE[4:0].
Table 95. Register 0xE8—ALL_READ_VOUT
Byte
Bit Name
R/W
Description
0
Data Length
Block R
Read back data length, fixed to 51.
[2:1]
MANTISSA_VH1
Block R
Mantissa of VH1.
[4:3]
MANTISSA_VH2
Block R
Mantissa of VH2.
[6:5]
MANTISSA_VH3
Block R
Mantissa of VH3.
[8:7]
MANTISSA_VH4
Block R
Mantissa of VH4.
[10:9]
MANTISSA_VP1
Block R
Mantissa of VP1.
[12:11]
MANTISSA_VP2
Block R
Mantissa of VP2.
[14:13]
MANTISSA_VP3
Block R
Mantissa of VP3.
[16:15]
MANTISSA_VP4
Block R
Mantissa of VP4.
[18:17]
Mantissa_VP5
Block R
Mantissa of VP5.
[20:19]
MANTISSA_VP6
Block R
Mantissa of VP6.
[22:21]
MANTISSA_VP7
Block R
Mantissa of VP7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com