Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 36 of 62
VOUT_MARGIN_HIGH
The VOUT_MARGIN_HIGH command sets the margin high voltage. Exponent N is set using VOUT_MODE[4:0].
Table 21. Register 0x25—VOUT_MARGIN_HIGH
Bits
Bit Name
R/W
Description
[15:0]
Mantissa Y
R/W
16-bit unsigned Integer Y value for linear data format (V = Y × 2N). N is defined using VOUT_MODE[4:0].
VOUT_MARGIN_LOW
The VOUT_MARGIN_LOW command sets the margin low voltage. Exponent N is set using VOUT_MODE[4:0].
Table 22. Register 0x26—VOUT_MARGIN_LOW
Bits
Bit Name
R/W
Description
[15:0]
Mantissa Y
R/W
16-bit unsigned Integer Y value for linear data format (V = Y × 2N). N is defined using VOUT_MODE[4:0].
VOUT_SCALE_LOOP
The VOUT_SCALE_LOOP command sets the gain (KR) by which the commanded voltage (VOUT) is scaled to generate the internal
reference voltage (VREF). VREF = VOUT × KR, where KR = Y × 2N.
Table 23. Register 0x29—VOUT_SCALE_LOOP
Bits
Bit Name
R/W
Description
[15:11]
Exponent N
R/W
Twos complement of Exponent N used in linear data format (X = Y × 2N).
[10:0]
Mantissa Y
R/W
Twos complement of Mantissa Y used in linear data format (X = Y × 2N).
VOUT_SCALE_MONITOR
The VOUT_SCALE_MONITOR command sets the gain (KVOUT) by which the sensed output voltage at the device under test (DUT)
(VOUT_DUT) is scaled to generate the reading for the READ_VOUT command. READ_VOUT = VOUT_DUT × KVOUT, where KVOUT = Y × 2N.
Table 24. Register 0x2A—VOUT_SCALE_MONITOR
Bits
Bit Name
R/W
Description
[15:11]
Exponent N
R/W
Twos complement of Exponent N used in linear data format (X = Y × 2N).
[10:0]
Mantissa Y
R/W
Twos complement of Mantissa Y used in linear data format (X = Y × 2N).
VOUT_OV_FAULT_LIMIT
The VOUT_OV_FAULT_LIMIT command sets the overvoltage threshold (in volts) measured at the sense/output pin, VHx/VPx, that
causes an overvoltage fault condition. Exponent N is set using VOUT_MODE[4:0].
Table 25. Register 0x40—VOUT_OV_FAULT_LIMIT
Bits
Bit Name
R/W
Description
[15:0]
Mantissa Y
R/W
Unsigned Mantissa Y used in output voltage related commands in linear data format (V = Y × 2N).
VOUT_OV_WARN_LIMIT
The VOUT_OV_WARN_LIMIT command sets the overvoltage threshold (in volts) measured at the sense/output pin, VHx/VPx, that
causes an overvoltage warning condition. Exponent N is set using VOUT_MODE[4:0].
Table 26. Register 0x42—VOUT_OV_WARN_LIMIT
Bits
Bit Name
R/W
Description
[15:0]
Mantissa Y
R/W
Unsigned Mantissa Y used in output voltage related commands in linear data format (V = Y × 2N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com