Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 49 of 62
GO_COMMAND
This command triggers various functions.
Table 66. Register 0xD8—GO_COMMAND
Bits
Bit Name
R/W
Description
[15:5]
Reserved
R
Reserved.
4
Seamless reset
W
Writing 1 to this bit enables seamless reset of the sequence by jumping to the PGOOD state. Writing
0 to this bit disables seamless reset of the sequence by jumping to State 0.
3
SEQUENCE_MODE
W
Writing 1 to this bit enables sequence debug mode. Writing 0 to this bit enables sequence normal mode.
2
Hardware reset
W
Writing 1 to this bit resets the CPU.
1
SEQUENCE_RESET
W
Writing 1 to this bit resets the sequence. Writing 0 to this bit does not reset the sequence.
0
Run/stop
W
Writing 1 to this bit stops the sequence. Writing 0 to this bit runs the sequence.
READ_STATE
The READ_STATE command returns the current value of the state bit that the sequencer is executing.
Table 67. Register 0xD9—READ_STATE
Bits
Bit Name
R/W
Description
[15:0]
State
R
Current state number that the sequencer is executing.
VOUT_MARGIN_LOOP
The VOUT_MARGIN_LOOP command either sets or reads the gain (R1/R3), which is used to calculate the VFB (feedback voltage)
according to the DAC output and VOUT. For the relationship of VFB, VOUT, and the output of DAC, see Figure 12.
Table 68. Register 0xDA—VOUT_MARGIN_LOOP
Bits
Bit Name
R/W
Description
[15:11]
Exponent N
R/W
Twos complement Exponent N used in linear data format (X = Y × 2N).
[10:0]
Mantissa Y
R/W
Twos complement Mantissa Y used in linear data format (X = Y × 2N).
MARGIN_CONFIGURATION
The MARGIN_CONFIGURATION command either sets or reads the ramp step in margining.
Table 69. Register 0xDB—MARGIN_CONFIGURATION
Bits
Bit Name
R/W
Description
[15:12]
Reserved
R
Reserved.
[11:8]
RAMP_INTERVAL
R/W
Ramp interval time, interval: 0.1 ms.
[7:0]
RAMP_STEP
R/W
Number of DAC codes to increment for each step.
BREAKPOINTS
This command either block writes or reads the breakpoints for the sequence states.
Table 70. Register 0xDC—BREAKPOINTS (Block WR)
Byte
Byte Name
R/W
Description
0
Parameter
length
Block W
Number of bytes of parameter data, fix to 1.
1
Data length
Block W
The length of breakpoints data to read back. Maximum = 128 bytes.
0
Data length
Block R
The length of the breakpoints data that the ADM1266 returns.
[128:1]
Data
Block R
Bit 0 of Byte 1 sets the breakpoint for State 1, Bit 1 of Byte 1 sets the breakpoint for State 2,
incrementing up to Bit 7 of Byte 128 sets the breakpoint for State 1024. Maximum value of N = 128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com