Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 15 of 62
INPUTS
Supply Fault Detectors
The ADM1266 has 17 programmable supply fault detector (SFD)
inputs. These dedicated inputs are labeled VHx (VH1 to VH4)
and VPx (VP1 to VP13). The ADM1266 is also capable of making
precision differential voltage measurements on the VPx pins
(the exception is that VP13 cannot be used for differential
measurements). One differential measurement requires two
VPx pins. The odd numbered VPx pin (for example, VP1) must
always be the greater voltage. The next corresponding even number
VPx pin (for example, VP2) is used for that differential measure-
ment. Both differential VPx pins must have the same input
range selections. The SFD for the odd numbered VPx pin
responds to the differential measurement. Figure 9 shows the
arrangement of the pins. Each SFD input can be configured to
detect an undervoltage (UV) fault (the input voltage drops below a
preprogrammed value), or an overvoltage (OV) fault (the input
voltage rises above a preprogrammed value). A programmable
(up to 100 μs) glitch filter allows the user to remove any
spurious transitions such as supply bounce at turn on.
RANGE
SELECT
+
–
+
–
OV
OUT
GLITCH
FILTER
VHx
UV
OUT
GLITCH
FILTER
FILTER
SETTINGS
RANGE
SELECT
+
–
+
–
OV
OUT
GLITCH
FILTER
VPx
(ODD)
UV
OUT
GLITCH
FILTER
FILTER
SETTINGS
RANGE
SELECT
+
–
+
–
OV
OUT
GLITCH
FILTER
VPx
(EVEN)
UV
OUT
GLITCH
FILTER
FILTER
SETTINGS
DIFFERENTIAL
SELECTION
VHx ADC INPUT
+
VPx ADC INPUT
HIGH-Z
HIGH-Z
–
+
–
VPx ADC INPUT
OV
DAC
UV
DAC
OV
DAC
UV
DAC
OV
DAC
UV
DAC
Figure 9. Supply Fault Detectors
The voltage range limits for threshold settings are
•
0.4 V to 1.0 V
•
0.75 V to 1.875 V
•
1.5 V to 3.75 V
•
2.0 V to 5.0 V (VPx pins only)
•
3.0 V to 7.5 V (VHx pins only)
•
6.0 V to 15.0 V (VHx pins only)
When connecting directly to the voltage source, a 100 Ω resistor
in series is recommended to avoid any latch-ups on the VHx and
VPx pins. VH1 and VH2 are supply pins and do not need the
100 Ω resistor in series.
Input Comparator Hysteresis
The UV and OV comparators shown in Figure 9 are always
monitoring and sensing the voltage on VHx and VPx. To avoid
chatter (multiple transitions when the input is very close to the set
threshold level), these comparators have digitally programmable
hysteresis. The hysteresis is added after a supply voltage goes out
of tolerance. Therefore, the user can program the amount above
the UV threshold to which the input must rise before a UV fault
is deasserted. Similarly, the user can program the amount below the
OV threshold to which an input must fall before an OV fault is
deasserted.
Glitch Filter
The ADM1266 has a dedicated digital glitch filter at the output of
each comparator. For the fault to trigger, the comparator must
remain set for the time greater than the programmed glitch filter
time. This time can be programmed from 2 μs to 100 μs and is used
for filtering any transient noises that may occur on the VHx and
VPx pins.
Using External Resistor Dividers
External resistor dividers can be used to sense higher voltages or to
achieve higher accuracy. When using an external resistor divider,
select the 0.4 V to 1 V high impedance range on the VPx pins. It is
recommended that the resistor divider be sized such that, under
nominal conditions, there is 0.7 V at the VPx pins to provide the
highest range for the OV and UV settings.
The size of the external resistor divider can be input into the device
using the VOUT_SCALE_MONITOR command (Register 0x2A).
Warnings
The UV and OV warnings are generated by comparing the
VOUT_OV_WARN_LIMIT (Register 0x42) and (Register 0x43)
VOUT_UV_WARN_LIMIT with the reading from the ADC.
Because the ADC round robin time is 5 ms, the maximum delay
from the warning occurring to the device detecting it is 5 ms.
Warnings are not sent to the sequence engine and cannot be used
to trigger events in the state machine. Instead, the warnings are sent
to the logic block and can be used to assert/deassert PDIOs and
GPIOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com