Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 41 of 62
IC_DEVICE
The IC_DEVICE command returns the ID and device number of the ADM1266. The default values are 0x41, 0x12, and 0x66.
Table 48. Register 0xAD—IC_DEVICE_ID
Byte
Byte Name
R/W
Description
0
Data length
Block R
Parameter data length, fixed to 3.
[3:1]
Data
Block R
Return the IC ID and device number: 0x41, 0x12, and 0x66.
IC_DEVICE_REV
The IC_DEVICE_REV command returns the ADM1266 firmware, bootloader, and chip revision.
Table 49. Register 0xAE—IC_DEVICE_REV in Normal Mode
Byte
Byte Name
R/W
Description
0
Data length
Block R
Parameter data length, fixed to 8.
[3:1]
Firmware
revision
Block R
ADM1266 firmware revision, for example: 0x01, 0x08, 0x07 means Version 1.8.7.
[6:4]
Bootloader
revision
Block R
ADM1266 bootloader revision, for example: 0x00, 0x00, 0x07 means Version 0.0.7.
[8:7]
Chip revision
Block R
ADM1266 chip revision, for example: 41 and 30 are ASCII B and 0, respectively.
Table 50. Register 0xAE—IC_DEVICE_REV in Bootloader Mode
Byte
Byte Name
R/W
Description
0
Data length
Block R
Parameter data length, fixed to 8.
[3:1]
Bootloader
revision
Block R
ADM1266 bootloader revision, for example: 0x01, 0x08, 0x07 means Version 1.8.7.
[6:4]
Reserved
Block R
Reserved
[8:7]
Chip revision
Block R
ADM1266 chip revision, for example: 41 and 30 are ASCII B and 0, respectively.
VOUT_OV_HYST_LIMIT
The VOUT_OV_HYST_LIMIT command either sets or reads the overvoltage hysteresis (in volts) measured at the sense/output pin that
causes an overvoltage fault condition. The exponent N is set using VOUT_MODE[4:0].
Table 51. Register 0xD0—VOUT_OV_HYST_LIMIT
Bits
Bit Name
R/W
Description
[15:0]
Mantissa Y
R/W
Unsigned Mantissa Y used in output voltage related commands in linear data format (V = Y × 2N).
VOUT_UV_HYST_LIMIT
The VOUT_UV_HYST_LIMIT command either sets or reads the undervoltage hysteresis (in volts) measured at the sense/output pin that
causes an undervoltage fault condition. The Exponent N is set using VOUT_MODE[4:0].
Table 52. Register 0xD1—VOUT_UV_HYST_LIMIT
Bits
Bit Name
R/W
Description
[15:0]
Mantissa Y
R/W
Unsigned Mantissa Y used in output voltage related commands in linear data format (V = Y × 2N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com