Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 62Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 59 of 62
STATUS_MFR_SPECIFIC_2
The STATUS_MFR_SPECIFIC_2 command returns two bytes data with contents as shown in Table 104.
Table 104. Register 0xED—STATUS_MFR_SPECIFIC_2
Bits
Bit Name
R/W
Description
15
BKUP_PASSWORD_CRC_FAULT
R
0 means backup password CRC check passed, 1 means backup password CRC check
failed.
14
BKUP_FIRMWARE_CRC_FAULT
R
0 means backup firmware CRC check passed, 1 means backup firmware CRC check
failed.
13
BKUP_PROJECT_CRC_FAULT
R
0 means backup project CRC check passed, 1 means backup project CRC check failed.
12
BKUP_ABCONFIG_CRC_FAULT
R
0 means backup ABConfig CRC check passed, 1 means backup ABConfig CRC check
failed.
11
MAIN_PASSWORD_CRC_FAULT
R
0 means main password CRC check passed, 1 means main password CRC check failed.
10
MAIN_FIRMWARE_CRC_FAULT
R
0 means main firmware CRC check passed, 1 means main firmware CRC check failed.
9
MAIN_PROJECT_CRC_FAULT
R
0 means main project CRC check passed, 1 means main project CRC check failed.
8
MAIN_ABCONFIG_CRC_FAULT
R
0 means main ABConfig CRC check passed, 1 means main ABConfig CRC check failed.
7
BKUP_IAP_CRC_FAULT
R
0 means backup IAP CRC check passed, 1 means the main IAP CRC check failed.
6
BKUP_MINI_IAP_CRC_FAULT
R
0 means backup mini IAP CRC check passed, 1 = main mini IAP CRC check failed.
5
MAIN_IAP_CRC_FAULT
R
0 means main IAP CRC check passed, 1 = main IAP CRC check failed.
4
MAIN_MINI_IAP_CRC_FAULT
R
0 means main mini IAP CRC check passed, 1 = main mini IAP CRC check failed.
3
AVDD_UVLO_FAULT
R
0 means no AVDD UVLO fault, 1 means AVDD UVLO fault occurred.
2
HARD_FAULT
R
0 means no hard fault, 1 means hard fault occurred.
1
AB_SYNC_FAULT
R
0 means sync pass, 1 means sync fail.
0
RUNNING_BACKUP_PROJECT
R
0 means main project, 1 means backup project.
REFRESH_CONFIGURATION
This command is used to set refresh configuration and get the refresh status.
Table 105. Register 0xF4—REFRESH_CONFIGURATION (for BLOCK R)
Byte
Byte Name
R/W
Description
0
Parameter length
Block W
Parameter data length—fixed to 1.
1
Parameter
Block W
0x00: get auto-refresh interval.
0x01: get auto-refresh enabled/disabled status.
Others: get all status, including refresh enable/disable, autorefresh enable/disable, refresh
times, recalculate CRC error times, autorefresh interval.
0
Data length
Block R
Number of bytes of data for this block read (1 to 8).
[8:1]
Data
Block R
Parameters:
0x00: get autorefresh interval, Bytes[2:1] are the autorefresh interval.
0x01: get autorefresh enabled/disabled status. If Byte 1 is 0, autorefresh is disabled.
Others: get all status, including refresh enable/disable, autorefresh enable/disable, refresh
times, recalculate CRC error times, autorefresh interval, Bytes[8:1]:
Byte
Byte Name
Description
1
Refresh status
0: refresh is done.
1: refresh is running.
2
Autorefreshing
0: autorefresh is disabled.
1: autorefresh is enabled.
[4:3]
Refresh count
Refresh times.
[6:5]
Recalculate error count
Recalculate error times.
[8:7]
Autorefresh interval
Autorefresh interval, unit: day.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com