Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 28 of 62
APPLICATIONS INFORMATION
OVERVIEW
The ADM1266 Super Sequencer is capable of sequencing,
margining, trimming, supervising output voltage for OV and
UV conditions, providing fault management, and voltage read-
back for 16 dc-to-dc converters. Multiple ADM1266 devices can
be synchronized to operate in unison using the ID_SCL and
ID_SDA pins. The ADM1266 uses a PMBus-compliant interface
and command set.
POWERING THE ADM1266
The ADM1266 can be powered by applying a voltage from 3 V
to 15 V on the VH1 or VH2 pin. Internal linear regulators convert
this voltage down to 3.3 V, which drives all of the internal circuitry
in each device. It is not recommended to connect both VH1 and
VH2 to the same voltage levels because the ripple on the two
voltages may cause the arbitrator circuit to constantly toggle. In
a system with multiple ADM1266 devices, it is important that all
the devices are powered from the same voltage rail.
PCB ASSEMBLY AND LAYOUT SUGGESTIONS
The ADM1266 requires capacitors (see the Capacitors section).
To be effective, these capacitors must be high quality, ceramic
dielectric capacitors, such as X5R or X7R, and must be placed as
close to the chip as possible. The PCB layout must adhere to
layout guidelines. A multilayer PCB that dedicates a layer to
power and ground is recommended. Low resistance and low
inductance power and ground connections are important to
minimize power supply noise and ensure proper device
operation.
CAPACITORS
Place a 10 µF bypass capacitor and a 0.1 µF decoupling
capacitor on both the VH1 and VH2 pins.
Place a 68 µF capacitor and a 0.1 µF capacitor on the
AVDD_CAP pin.
Place a 10 µF capacitor and a 0.1 µF capacitor on the
DVDD_CAP pin
Place a 2.2 µF capacitor and a 0.1 µF capacitor between the
REFOUT and REFGND pins.
GROUND CONNECTIONS
Connect the exposed pad to the GND pin. Star connect the
GND pin to the REFGND pin.
PMBUS/I2C
Each ADM1266 must be configured for a unique address. The
address can be set by connecting a resistor between the ADDR pin
and the GND pin. See Table 10 for the corresponding address
values. Check addresses for collision with other devices on the
bus and any global addresses.
The pull-up resistors on the PMBus pins must not be connected
to AVDD_CAP. If another device on the PMBus line provides a
strong pull-down on AVDD_CAP, the ADM1266 shuts down or
enters UVLO.
IDB
For a board with multiple ADM1266 devices that are part of the
same system, connect the ID_SCL and ID_SDA pin, using an
external pull-up resistor of 2.2 kΩ that is connected to the
AVDD_CAP pin of any ADM1266.
VOLTAGE SENSING
If an external resistor divider is used, calculate the size of the
resistors so that 0.7 V shows up on the VPx pins of the ADM1266.
When sensing directly, use a 100 Ω resistor in series to avoid
any latch-ups on the pins. The VH1 and VH2 pins do not
require this series resistance.
PDIOs AND GPIOs
The PDIOs have a weak, 20 kΩ, internal pull-down resistor.
Therefore, the PDIOs do not require the external pull-down
resistors during power-up.
Verify that the voltage and current ratings are not exceeded.
DAC OUTPUTS
Select an appropriate resistor for the desired margin range on a
DAC output. Refer to the Power Studio GUI for assistance.
CLOCK
To use the accurate time stamping and clocking function, use
an external oscillator and capacitors between the XTAL1 and
XTAL2 pins. If this function is not used, an external clock
source is not required.
On a board with multiple ADM1266 devices, only one external
oscillator is required. Connect the SYNC pins of all the
ADM1266 devices.
UNUSED PINS
Connect all unused pins to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com