Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1266ACPZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 62Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 60 of 62
Table 106. Register 0xF4—REFRESH_CONFIGURATION (for BLOCK W)
Byte
Byte Name
R/W
Description
0
Data length
Block W
Number of bytes of data for this block write. The range is 2 to 3.
1
Configuration
Block W
0x00: set autorefresh interval, unit: day, Byte[3:2] is the interval.
0x01: enable/disable autorefresh. If Byte 2 is 0, disable autorefresh.
[3:2]
Data
Block W
Data
REFRESH_FLASH
This command is used to set refresh configuration .
Table 107. Register 0xF5—REFRESH_FLASH (for BLOCK W)
Byte
Byte Name
R/W
Description
[0]
Data Length
Block W
Number of bytes of data for this block write (fixed to 1).
[1]
Configuration
Block W
0x00: Project(including Reg, Sequence, User, System, Logic, Password, AB config)
0x01: Project + Firmware + IAP
0x02: Project + Firmware + IAP + mini IAP
HITLESS_TIMEOUT
This command is used to read or write the hitless timeout value.
Table 108. Register 0xF6—HITLESS_TIMEOUT
Byte
Byte Name
R/W
Description
0
Data length
Block R/W
Parameter data length, fixed to 2.
[2:1]
Timeout value
Block W
Timeout value; unit: sec.
VAR_VALUE
This command is used to read the variables value of sequence.
Table 109. Register 0xF7—VAR_VALUE
Byte
Byte Name
R/W
Description
0
Data length
Block W
Parameter data length; fixed to 1.
1
Index
Block W
Variables index, 0xFF for all values.
0
Data length
Block R
Size of data.
[N:1]
Value
Block R
Data. If the index is 0 to 3, N = 1. If the index is 0xFF, N = 4.
MEMORY_CONFIGURATION
This command reads/writes the main/backup memory configuration by the GUI.
Table 110. Register 0xF8—MEMORY_CONFIGURATION
Byte
Byte Name
R/W
Description
0
Data length
Block R/W
Size of data for this block read/write, fixed to 3.
[2:1]
Data
Block R/W
Main/backup memory configuration.
3
CRC
Block R/W
CRC-8 of main/backup memory configuration data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com