Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 152 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 148Page - STMicroelectronics STV82X8 Datasheet HTML 149Page - STMicroelectronics STV82X8 Datasheet HTML 150Page - STMicroelectronics STV82X8 Datasheet HTML 151Page - STMicroelectronics STV82X8 Datasheet HTML 152Page - STMicroelectronics STV82X8 Datasheet HTML 153Page - STMicroelectronics STV82X8 Datasheet HTML 154Page - STMicroelectronics STV82X8 Datasheet HTML 155Page - STMicroelectronics STV82X8 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 157 page
background image
Electrical Characteristics
STV82x8
152/157
fI2S_OLR
I²S Left Right Strobe Output
Frequency (I²S_DATA0 and
I²SO_DATA0,1)
48
kHz
fI2S_OSCL
I²S Serial Clock Output
Frequency (I²S_DATA0 and
I²SO_DATA0,1)
3.072
MHz
RI2S_SCL
I²S Serial Clock Output Ratio
0.9
1.1
tI2S_DEL
I²S Output Delay After Falling
Edge of Clock
See Figure 35, Cl = 30 pF
30
ns
Figure 35: I²S Input Bus Timings
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I²S_SCLK
I²S_DATA
tI2S_Su
tI2S_Ho
tI2S_Su
I²S_LR_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com