Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 149 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 145Page - STMicroelectronics STV82X8 Datasheet HTML 146Page - STMicroelectronics STV82X8 Datasheet HTML 147Page - STMicroelectronics STV82X8 Datasheet HTML 148Page - STMicroelectronics STV82X8 Datasheet HTML 149Page - STMicroelectronics STV82X8 Datasheet HTML 150Page - STMicroelectronics STV82X8 Datasheet HTML 151Page - STMicroelectronics STV82X8 Datasheet HTML 152Page - STMicroelectronics STV82X8 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 157 page
background image
149/157
STV82x8
Electrical Characteristics
16.11 MUTE Characteristics
16.12 Digital I/Os Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
MUTEDAC
DAC Mute analog
I2S to DAC at 1 kHz
dB
MUTESCART
SCART Mute
2VRMS @ 1 kHz on ref signal, all other
inputs grounded
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
IL
Low Level Input Voltage
except SDA, SCL and CLK_SEL,
3.3V power supply
0.5
V
V
IH
High Level Input Voltage
except SDA, SCL and CLK_SEL,
3.3V power supply
2.0
V
IIN
Input Current
1
µA
VILCLK_SEL
CLK_SEL Low Level Input
Voltage
1.8V power supply
0.3
V
VIHCLK_SEL
CLK_SEL High Level Input
Voltage
1.8V power supply
1.2
V
V
OL
Low Level Output Voltage
S/PDIF_OUT, IRQ, BUS_EXP
0.3
V
V
OH
High Level Output Voltage
S/PDIF_OUT, IRQ, BUS_EXP
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com