Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 147 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 143Page - STMicroelectronics STV82X8 Datasheet HTML 144Page - STMicroelectronics STV82X8 Datasheet HTML 145Page - STMicroelectronics STV82X8 Datasheet HTML 146Page - STMicroelectronics STV82X8 Datasheet HTML 147Page - STMicroelectronics STV82X8 Datasheet HTML 148Page - STMicroelectronics STV82X8 Datasheet HTML 149Page - STMicroelectronics STV82X8 Datasheet HTML 150Page - STMicroelectronics STV82X8 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 157 page
background image
147/157
STV82x8
Electrical Characteristics
16.7
SCART to SCART Analog Path Characteristics
Test Conditions: RloadMAX = 10 kΩ, CloadMAX = 330 pF, MONO_IN voltage = 0.5 VRMS
SNRFM
Signal to Noise
RMS unweighted, 20 Hz to 15 kHz,
Standard M/N 27 kHz FM Deviation,1 kHz
TBD
dB
THDFM
Total Harmonic Distortion
TBD
%
SEPFM
Stereo Channel Separation
Standard M/N BTSC stereo,
FM deviation, 1 kHz
TBD
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Analog-to-Analog STEREO and MONO
RINSCART
SCART Input Resistance
34
k
Ω
ROUTSCART
Output Resistance for SCARTs
40
Ω
VDCINSCART SCART Input DC Level
1.57
V
VDCOUTSCART SCART Output DC Level
3.64
V
CLIPSCART
Clipping
SCART
Clipping input level from
SCART input
At 1 kHz 1% THD
VRMS
Clipping input level from
MONO_IN input
VRMS
THDSCART
THD SCART
THD from SCART input 1 VRMS, at 1 KHz
0.02
%
THD from MONO_IN
input
0.25 VRMS, at 1 KHz
0.02
%
SNRSCART
Signal to Noise
Ratio
SCART input
1 VRMS, 20 Hz to 20 kHz Bandwidth,
RMS unweighted
82
dB
MONO_IN input
0.25 VRMS, 20 Hz to 20 kHz
Bandwidth, RMS unweighted
76
dB
BANDSCART
Frequency
Flatness
SCART input
20 Hz to 20 kHz
dB
MONO_IN input
20 Hz to 20 kHz
12
dB
XTALKL/R
Left/Right Crosstalk
1VRMS @ 1 kHz on ref signal, the
other one grounded
90
dB
XTALKIN
Audio Crosstalk from Input Channel n to
Input Channel m
1VRMS @ 1 kHz on ref signal, all
other inputs grounded
90
dB
XTALKOUT
Audio Crosstalk from Output Channel n
to Output Channel m
1VRMS @ 1 kHz on reference
output, signal on a single input, all
other inputs grounded
90
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com